Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7863BR-3REEL Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7863BR-3REEL
Szczegółowy opis  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7863BR-3REEL Arkusz danych(HTML) 5 Page - Analog Devices

  AD7863BR-3REEL Datasheet HTML 1Page - Analog Devices AD7863BR-3REEL Datasheet HTML 2Page - Analog Devices AD7863BR-3REEL Datasheet HTML 3Page - Analog Devices AD7863BR-3REEL Datasheet HTML 4Page - Analog Devices AD7863BR-3REEL Datasheet HTML 5Page - Analog Devices AD7863BR-3REEL Datasheet HTML 6Page - Analog Devices AD7863BR-3REEL Datasheet HTML 7Page - Analog Devices AD7863BR-3REEL Datasheet HTML 8Page - Analog Devices AD7863BR-3REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD7863
Rev. B | Page 4 of 24
Parameter
A Version1
B Version1
Unit
Test Conditions/Comments
REFERENCE INPUT/OUTPUT
REF IN Input Voltage Range
2.375 to 2.625
2.375 to 2.625
V
2.5 V ± 5%
REF IN Input Current
±100
±100
μA max
REF OUT Output Voltage
2.5
2.5
V nom
REF OUT Error @ 25°C
±10
±10
mV max
REF OUT Error TMIN to TMAX
±20
±20
mV max
REF OUT Temperature Coefficient
25
25
ppm/°C typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
μA max
Input Capacitance, CIN5
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
V min
ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 1.6 mA
DB11 to DB0
Floating-State Leakage Current
±10
±10
μA max
Floating-State Capacitance5
10
10
pF max
Output Coding
AD7863-10, AD7863-3
Twos complement
AD7863-2
Straight (natural) binary
CONVERSION RATE
Conversion Time
Mode 1 Operation
5.2
5.2
μs max
For both channels
Mode 2 Operation6
10.0
10.0
μs max
For both channels
Track/Hold Acquisition Time4, 7
0.5
0.5
μs max
POWER REQUIREMENTS
VDD
5
5
V nom
±5% for specified performance
IDD
Normal Mode (Mode 1)
AD7863-10
18
18
mA max
AD7863-3
16
16
mA max
AD7863-2
11
11
mA max
Power-Down Mode (Mode 2)
IDD @ 25°C8
20
20
μA max
40 nA typ. Logic inputs = 0 V or VDD
Power Dissipation
Normal Mode (Mode 1)
AD7863-10
94.50
94.50
mW max
VDD = 5.25 V, 70 mW typ
AD7863-3
84
84
mW max
VDD = 5.25 V, 70 mW typ
AD7863-2
57.75
57.75
mW max
VDD = 5.25 V, 45 mW typ
Power-Down Mode @ 25°C
105
105
μW max
210 nW typ, VDD = 5.25 V
1 Temperature ranges are as follows: A Version and B Version, −40°C to +85°C.
2 Sample tested during initial release.
3 Applies to Mode 1 operation. See Operating Modes section.
4 See Terminology section.
5 Sample tested @ 25°C to ensure compliance.
6 This 10 μs includes the wake-up time from standby. This wake-up time is timed from the rising edge of CONVST, whereas conversion is timed from the falling edge of
CONVST, for a narrow CONVST pulse width the conversion time is effectively the wake-up time plus conversion time, 10 μs. This can be seen from Figure 6. Note that if
the CONVST pulse width is greater than 5.2 μs, the effective conversion time increases beyond 10 μs.
7 Performance measured through full channel (multiplexer, SHA, and ADC).
8 For best dynamic performance of the AD7863, ATE device testing has to be performed with power supply decoupling in place. In the AD7863 power-down mode of
operation, the leakage current associated with these decoupling capacitors is greater than that of the AD7863 supply current. Therefore, the 40 nA typical figure
shown is characterized and guaranteed by design figure, which reflects the supply current of the AD7863 without decoupling in place. The maximum figure shown in
the Conditions/Comments column reflects the AD7863 with supply decoupling in place—0.1 μF in parallel with 10 μF disc ceramic capacitors on the VDD pin and
2 × 0.1 μF disc ceramic capacitors on the VREF pin, in both cases to the AGND plane.


Podobny numer części - AD7863BR-3REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7863BR-3REEL AD-AD7863BR-3REEL Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7863BR-3REEL7 AD-AD7863BR-3REEL7 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
More results

Podobny opis - AD7863BR-3REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7863 AD-AD7863_15 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_15 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com