Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST48A75-02 Arkusz danych(PDF) 4 Page - Teledyne Technologies Incorporated

Numer części ST48A75-02
Szczegółowy opis  Single Output to 75A 600 Vac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELEDYNE [Teledyne Technologies Incorporated]
Strona internetowa  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

ST48A75-02 Arkusz danych(HTML) 4 Page - Teledyne Technologies Incorporated

  ST48A75-02 Datasheet HTML 1Page - Teledyne Technologies Incorporated ST48A75-02 Datasheet HTML 2Page - Teledyne Technologies Incorporated ST48A75-02 Datasheet HTML 3Page - Teledyne Technologies Incorporated ST48A75-02 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ST 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
ST\032003\Q1
T case
max (
°C)
100
95
90
85
80
75
1.1
°C/W
1.6
°C/W
4
°C/W
Full on state
50% duty cycle
0
2
4
6
8
10
12
14
16
18
20
01
2
3
4
5
67
8
9
10
11
12
0 10
20
30 40
50
60
70
80 90 100 110 120
Load Current (Arms)
Ambient Temperature (
°C)
2.2
°C/W
6
°C/W
Load Current (Arms)
Ambient Temperature (
°C)
T case
max (
°C)
100
90
80
70
0.95
°C/W
2.2
°C
/W
Full on state
50% duty cycle
0
0
5
10
15
20
25
30
35
40
2468
10
12
14
16
18
20
22
24
26
0
10
20
30
40
50
60
70
80
90 100 110 120
6
°C/W
1.6
°C/W
2.2°
C/W
1.6
°C/W
6
°C/W
Full on state
50% duty cycle
0
0
5
10
15
20
25
30
35
40
45
50
55
60
2468 10 12 14 16 18 20 22 24 26
30
28
32 34 36 38 40 0
10
20
30 40
50
60
70 80
90 100 110 120
65
90
100
80
70
75
85
95
T case
max (
°C)
Load Current (Arms)
Ambient Temperature (
°C)
Load Current (Arms)
Ambient Temperature (
°C)
05
10
15
20
25 30
35
40
45
50
55
60
0
10
20
30
40
50
60
70
80
90
100
Full on state
50% duty cycle
010
20
30
40
5060
7080
90
100 110 120
70
80
90
100
75
85
95
T case
max (
°C)
1.1
°C
/W
2.2°
C/W
6
°C/W
1.6°
C/W
0.9
5°C
/W
0.7
5°C
/W
Load Current (Arms)
Ambient Temperature (
°C)
70
80
90
100
75
85
95
T case
max (
°C)
10
020
30
405060708090
0
10
20
30
40
50
60
70
80
90
100
110
120
130
010 20 30 405060708090 100 110 120
0.75
°C
/W
Full on state
50% duty cycle
6
°C/W
2.2°
C/W
1.6°
C/W
1.1°
C/W
0.95
°C
/W
Load Current (Arms)
Ambient Temperature (
°C)
1.6°
C/W
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
010 20 30405060708090 100 110120
010
20
30
405060708090 100 110
Full on state
50% duty cycle
70
80
90
100
75
85
95
T case
max (
°C)
0.7
5°C
/W
0.9
5°C
/W
6
°C/W
2. 2°
C/W
1.1
°C
/W
Series ST
Figure 5a — 12A output current
Figure 5c — 25A output current
Figure 5d — ST24D40-02
Figure 5e— 50A output current and ST48D40-02
Figure 5f — 75A output current
Figure 5b — ST48D12-02
OUTPUT (LOAD) SPECIFICATION (continued)
Input Type
Min
Max
Units
I2t for Match Fusing (<8.3ms)
12A output current
72
A2S
ST24 25A output current
288
A2S
ST48 25A output current
265
A2S
40A output current
612
A2S
50A output current
1500
A2S
75A output current
5000
A2S
ENVIRONMENTAL SPECIFICATION
Min
Max
Units
Storage Temperature
–40
100
°C
Operating Temperature
–40
100
°C
Input-Output Isolation
4000
Vrms
Output-Case Isolation
12A output current
2500
Vrms
25A output current
2500
Vrms
ST24D40-02
2500
Vrms
ST48D40-02
3300
Vrms
50A output current
3300
Vrms
75A output current
3300
Vrms
THERMAL CHARACTERISTICS


Podobny numer części - ST48A75-02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cornell Dubilier Electr...
ST480V360J012 CDE-ST480V360J012 Datasheet
260Kb / 3P
   55 째C Strobe-Flash, Long-Life, 360 & 450 V Aluminum
ST480V360J012 CDE-ST480V360J012 Datasheet
505Kb / 4P
   Strobe-Flash, Long-Life, 360 & 450 V Aluminum
ST480V360J012 CDE-ST480V360J012_13 Datasheet
505Kb / 4P
   Strobe-Flash, Long-Life, 360 & 450 V Aluminum
logo
List of Unclassifed Man...
ST482-U1 ETC2-ST482-U1 Datasheet
118Kb / 2P
   MINIATURE POWER RELAY
logo
Hammond Manufacturing L...
ST483610LG HAMMOND-ST483610LG Datasheet
102Kb / 3P
   Armoire murale en acier doux de type 4 avec toit incline
More results

Podobny opis - ST48A75-02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teledyne Technologies I...
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
List of Unclassifed Man...
HA6025 ETC1-HA6025 Datasheet
84Kb / 3P
   25-125Amp 600 Vac AC Output
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com