Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST24D12-16 Arkusz danych(PDF) 3 Page - Teledyne Technologies Incorporated

Numer części ST24D12-16
Szczegółowy opis  Single Output to 75A 600 Vac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELEDYNE [Teledyne Technologies Incorporated]
Strona internetowa  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

ST24D12-16 Arkusz danych(HTML) 3 Page - Teledyne Technologies Incorporated

  ST24D12-16 Datasheet HTML 1Page - Teledyne Technologies Incorporated ST24D12-16 Datasheet HTML 2Page - Teledyne Technologies Incorporated ST24D12-16 Datasheet HTML 3Page - Teledyne Technologies Incorporated ST24D12-16 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
ST 3
ST\032003\Q1
OUTPUT (LOAD) SPECIFICATION (continued)
Input Type
Min
Max
Units
Maximum Surge Current Rating (Non-Repetitive)
12A output current
120
A
25A output current
240
A
40A output current
350
A
50A output current
550
A
75A output current
1000
A
On-State Voltage Drop
12A output current
1.3
V
25A output current
1.2
V
40A output current
1.4
V
50A output current
1.45
V
ST48D50-02
1.4
V
75A output current
1.4
V
Zero-Cross Window (Typical)
S
D/A
±12
Vac
Off-State Leakage Current (60Hz)
All relays
3
mA
Turn-On Time (60 Hz)
ST
D
8.3
ms
ST
A
24.9
ms
Turn-Off Time (60 Hz)
ST
D
8.3
ms
ST
A
24.9
ms
Off-State dv/dt
All relays
500
V/
µs
Maximum di/dt (Non-Repetitive)
All relays
50
A/
µs
Operating Frequency Range
All relays
0.1
440
Hz
Series ST
10
1
0.1
0.01
50
100
150
0
t(s)
Non-Repetitive
Repetitive with initial Tj = 70
°C
110
1
0.1
0.01
0
50
100
150
200
250
0
t(s)
Non-Repetitive
Repetitive with initial Tj = 70
°C
110
0.1
0.01
0
100
200
300
400
0
t(s)
Non-Repetitive
Repetitive with initial Tj = 70
°C
110
0.1
0
0
200
400
600
0
t(s)
Non-Repetitive
Repetitive with initial Tj = 70
°C
t(s)
10
1
0.1
0.01
500
1000
1500
0
Non-Repetitive
Repetitive with initial Tj = 70
°C
SURGE CURRENT
Figure 4a — 12A output current
Figure 4b — 25A output current
Figure 4c — ST24D40-02
Figure 4d — 50A output current and ST48D40-02
Figure 4e — 75A output current
NOTES:
1. Electrical specifications at 25
°C unless otherwise specified.
2. For 800Hz applications, contact factory.
3. For additional/custom options, contact factory.
OPTIONAL ADD-ONS
Please order add-ons separately:
• -12 — Thermal pad installed.
• -14 — Plastic touch-proof cover.


Podobny numer części - ST24D12-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teledyne Technologies I...
ST24D12 TELEDYNE-ST24D12 Datasheet
672Kb / 3P
   Output to 50A, 600Vac DC Control Solid-State Relays
04/2018
More results

Podobny opis - ST24D12-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teledyne Technologies I...
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
List of Unclassifed Man...
HA6025 ETC1-HA6025 Datasheet
84Kb / 3P
   25-125Amp 600 Vac AC Output
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com