Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA76432S Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TA76432S
Szczegółowy opis  1.26-V Adjustable High-Precision Shunt Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76432S Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TA76432S Datasheet HTML 1Page - Toshiba Semiconductor TA76432S Datasheet HTML 2Page - Toshiba Semiconductor TA76432S Datasheet HTML 3Page - Toshiba Semiconductor TA76432S Datasheet HTML 4Page - Toshiba Semiconductor TA76432S Datasheet HTML 5Page - Toshiba Semiconductor TA76432S Datasheet HTML 6Page - Toshiba Semiconductor TA76432S Datasheet HTML 7Page - Toshiba Semiconductor TA76432S Datasheet HTML 8Page - Toshiba Semiconductor TA76432S Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TA76432FT/FC/F/FR/S
2002-07-12
3
Typical Application Circuits
Precautions during Use
(1)
TA76432FT, TA76432FC, TA76432F/FR, TA76432S
These products contain MOS elements. Please take care to avoid generating static electricity when
handling these devices.
(2)
TA76432FT, TA76432FC, TA76432F/FR, TA76432S
The oscillation frequency of these devices is determined by the value of the capacitor connected between
the anode and the cathode.
When establishing maximum operating condition parameters, please derate the maximum rating values
specified in these datasheets so as to allow an operational safety margin.
Use of a laminated ceramic capacitor is recommended.
(3)
Precautions when handling anode pin of TA76432FT/TA76432FC
Pin 2 and pin 5 should normally be shorted together. If only pin 5 is used, pin 2 should either be left open
or always kept at a lower potential than pin 5. Do not leave pin 5 open and use pin 2 only.
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Cathode voltage
VKA
20
V
Cathode current
IK
20
mA
Cathode-anode reverse current
-IK
10
mA
Reference voltage
VREF
7
V
Reference current
IREF
50
mA
Reference-anode reverse current
-IREF
10
mA
TA76432FT
0.45 (Note 1)
0.2
TA76432FC
0.38 (Note 2)
TA76432F/FR
0.5
Power dissipation
TA76432S
PD
0.8
W
TA76432FT
277 (Note 1)
625
TA76432FC
328 (Note 2)
TA76432F/FR
250
Thermal resistance
TA76432S
Rth
156
ºC/W
Operating temperature
Topr
-40~85
ºC
Junction temperature
Tj
150
ºC
Storage temperature
Tstg
-55~150
ºC
Note 1: Glass epoxy substrate mounting: 30 mm
´ 30 mm ´ 0.8 mmt (Cu pad area 35 mm
2
)
Note 2: Glass epoxy substrate mounting: 30 mm
´ 30 mm ´ 0.8 mmt (Cu pad area 50 mm
2
)
1.26 V Reference (VKA = VREF)
VOUT = 1.26 V
VIN
Shunt regulator (VKA > VREF)
VIN
VOUT
R1
I
R
R
1
V
REF
2
1
REF
×
+
÷÷
ø
ö
çç
è
æ
+
=
VOUT
R1
R2
VREF


Podobny numer części - TA76432S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA76432S TOSHIBA-TA76432S Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
More results

Podobny opis - TA76432S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432AFT TOSHIBA-TA76432AFT Datasheet
257Kb / 11P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
   2.49-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com