Zakładka z wyszukiwarką danych komponentów |
|
TA78XXF Arkusz danych(PDF) 6 Page - Toshiba Semiconductor |
|
TA78XXF Arkusz danych(HTML) 6 Page - Toshiba Semiconductor |
6 / 18 page TA7805,057,06,07,08,09,10,12,15,18,20,24F 2001-06-08 6 TA7810F Electrical Characteristics (Unless otherwise specified, VIN = 16 V, IOUT = 500 mA, 0°C ≤ Tj ≤ 125°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Output voltage VOUT 1 Tj = 25°C, IOUT = 100 mA 9.6 10.0 10.4 V 12.5 V ≤ VIN ≤ 27 V ― 8 200 Line regulation Reg·line 1 Tj = 25°C 14 V ≤ VIN ≤ 20 V ― 2.5 100 mV 5 mA ≤ IOUT ≤ 1.4 A ― 12 200 Load regulation Reg·load 1 Tj = 25°C 250 mA ≤ IOUT ≤ 750 mA ― 4 100 mV Output voltage VOUT 1 Tj = 25°C 12.5 V ≤ VIN ≤ 25 V 5.0 mA ≤ IOUT ≤ 1.0 A 9.5 ― 10.5 V Quiescent current IB 1 Tj = 25°C, IOUT = 5 mA ― 4.3 8.0 mA Quiescent current change ∆IB 1 12.5 V ≤ VIN ≤ 27 V, IOUT = 5 mA, Tj = 25°C ― ― 1.0 mA Output noise voltage VNO 2 Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz IOUT = 50 mA ― 80 ― µVrms Ripple rejection R.R. 3 f = 120 Hz, 16 V ≤ VIN ≤ 23.5 V IOUT = 50 mA, Tj = 25°C 50 66 ― dB Dropout voltage VD 1 IOUT = 1.0 A, Tj = 25°C ― 2.0 ― V Short circuit current limit ISC 1 Tj = 25°C ― 0.9 ― A Average temperature coefficient of output voltage TCVO 1 IOUT = 5 mA ― −1.3 ― mV/°C TA7812F Electrical Characteristics (Unless otherwise specified, VIN = 19 V, IOUT = 500 mA, 0°C ≤ Tj ≤ 125°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Output voltage VOUT 1 Tj = 25°C, IOUT = 100 mA 11.5 12.0 12.5 V 14.5 V ≤ VIN ≤ 30 V ― 10 240 Line regulation Reg·line 1 Tj = 25°C 16 V ≤ VIN ≤ 22 V ― 3 120 mV 5 mA ≤ IOUT ≤ 1.4 A ― 12 240 Load regulation Reg·load 1 Tj = 25°C 250 mA ≤ IOUT ≤ 750 mA ― 4 120 mV Output voltage VOUT 1 Tj = 25°C 14.5 V ≤ VIN ≤ 27 V 5.0 mA ≤ IOUT ≤ 1.0 A 11.4 ― 12.6 V Quiescent current IB 1 Tj = 25°C, IOUT = 5 mA ― 4.3 8.0 mA Quiescent current change ∆IB 1 14.5 V ≤ VIN ≤ 30 V, IOUT = 5 mA, Tj = 25°C ― ― 1.0 mA Output noise voltage VNO 2 Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz IOUT = 50 mA ― 90 ― µVrms Ripple rejection R.R. 3 f = 120 Hz, 19 V ≤ VIN ≤ 25 V IOUT = 50 mA, Tj = 25°C 50 66 ― dB Dropout voltage VD 1 IOUT = 1.0 A, Tj = 25°C ― 2.0 ― V Short circuit current limit ISC 1 Tj = 25°C ― 0.7 ― A Average temperature coefficient of output voltage TCVO 1 IOUT = 5 mA ― −1.6 ― mV/°C |
Podobny numer części - TA78XXF |
|
Podobny opis - TA78XXF |