Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8925J Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA8925J
Szczegółowy opis  Power stage 2 x 15 to 25Wclass-D audio amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8925J Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA8925J Datasheet HTML 1Page - NXP Semiconductors TDA8925J Datasheet HTML 2Page - NXP Semiconductors TDA8925J Datasheet HTML 3Page - NXP Semiconductors TDA8925J Datasheet HTML 4Page - NXP Semiconductors TDA8925J Datasheet HTML 5Page - NXP Semiconductors TDA8925J Datasheet HTML 6Page - NXP Semiconductors TDA8925J Datasheet HTML 7Page - NXP Semiconductors TDA8925J Datasheet HTML 8Page - NXP Semiconductors TDA8925J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2004 May 06
5
Philips Semiconductors
Product specification
Power stage 2 x 15 to 25 W class-D
audio amplifier
TDA8925
7
PINNING
SYMBOL
PIN
DESCRIPTION
SW1
1
digital switch input; channel 1
REL1
2
digital control output; channel 1
DIAG
3
digital open-drain output for
overtemperature and overcurrent
report
EN1
4
digital enable input; channel 1
VDD1
5
positive power supply; channel 1
BOOT1
6
bootstrap capacitor; channel 1
OUT1
7
PWM output; channel 1
VSS1
8
negative power supply; channel 1
STAB
9
decoupling internal stabilizer for
logic supply
VSS2
10
negative power supply; channel 2
OUT2
11
PWM output; channel 2
BOOT2
12
bootstrap capacitor; channel 2
VDD2
13
positive power supply; channel 2
EN2
14
digital enable input; channel 2
POWERUP
15
enable input for switching on
internal reference sources
REL2
16
digital control output; channel 2
SW2
17
digital switch input; channel 2
handbook, halfpage
TDA8925ST/J
MDB611
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
VSS1
VSS2
VDD2
VDD1
EN1
DIAG
REL1
SW1
SW2
REL2
POWERUP
EN2
BOOT1
OUT1
STAB
OUT2
BOOT2
Fig.2 Pin configuration.


Podobny numer części - TDA8925J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results

Podobny opis - TDA8925J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
logo
Princeton Technology Co...
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
   2.2W x 2 Class-D Audio Power Amplifier
PT2832 PTC-PT2832 Datasheet
309Kb / 5P
   22W x 2, Class-D Audio Power Amplifier
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
   15W x 2, Class-D Audio Power Amplifier
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
logo
STMicroelectronics
TDA7379 STMICROELECTRONICS-TDA7379 Datasheet
587Kb / 7P
   4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com