Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78684E Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC78684E
Szczegółowy opis  MP3 Decoder for Compact Disc Players
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78684E Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC78684E Datasheet HTML 1Page - Sanyo Semicon Device LC78684E Datasheet HTML 2Page - Sanyo Semicon Device LC78684E Datasheet HTML 3Page - Sanyo Semicon Device LC78684E Datasheet HTML 4Page - Sanyo Semicon Device LC78684E Datasheet HTML 5Page - Sanyo Semicon Device LC78684E Datasheet HTML 6Page - Sanyo Semicon Device LC78684E Datasheet HTML 7Page - Sanyo Semicon Device LC78684E Datasheet HTML 8Page - Sanyo Semicon Device LC78684E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
20703RM(OT) No.7350-1/21
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s control
systems, or other applications whose failure can be reasonably expected to result in serious physical
and/or material damage. Consult with your SANYO representative nearest you before using any SANYO
products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
CMOS IC
Overview
The LC78684E integrates, on a single chip, CD-ROM
signal-processing functions, MP3 signal-processing func-
tions, and CD-DA shockproof signal-processing functions.
The LC78684E achieves significant power savings by
implementing signal-processing functions using hard-
wired structures.
A CD player that supports playback of MPEG audio
(MP3) recorded on CD media as well as CD-DA
shockproof playback can be implemented by combining
this IC with a CD DSP, DRAM, and audio D/A converter,
and other circuits.
Features
MP3 Decoding Functions (MPEG audio standard
[ISO/IEC 11172-3] layer 3)
Decodes to a digital audio signal MP3 data decoded
by the CD-ROM decoder and outputs that audio
signal.
Supports all bit rates, including variable bit rate
operation.
Supports the following sampling rates.
MPEG1 (Fs = 32 K, 44.1 K, 48 K)
MPEG2 (Fs = 16 K, 22.05 K, 24 K)
MPEG2.5 (Fs = 8 K, 11.025 K, 12 K)
Can read out the MPEG header and ancillary data.
Automatically mutes the signal on CRC errors using
an MP3 CRC check function.
External MPEG serial data input function supports
memory card playback.
CD-ROM Decoding Functions
Supports CD-ROM modes 1 and 2 (forms 1 and 2)
Faithfully reproduces data stored on CD-ROM discs
using CD-ROM error correction functions.
Header and sector management
Supports playback speeds up to 4×.
In addition to data buffering also supports C2 error
flag buffering.
Provides external serial output of decoded CD-ROM
data.
CD-DA Playback Functions (Shockproof support)
Shockproof operation for about 180 seconds (com-
pressed mode) when 64M DRAM is used.
Shockproof function supports compressed, uncom-
pressed, and data through modes.
VCEC (variable speed) supports up to 4×-speed play-
back.
Audio Signal Processing
Serial audio signal output using LRCK, BCK, and
DATA signals.
(I²S format, either 16-bit or 20-bit precision PCM
output, data-slot supports 16-bit, 24-bit, and 32-bit
modes)
Digital bass boost function (4 modes), attenuator
function, and muting (
, 12 dB)
Provides a base clock (384 fs) output pin for use with
external digital filters and D/A converters.
DRAM Interface
Supports the use of from 1M to 64M of external
DRAM (EDO, 2CAS, 16-bit data bus memory)
Supports allocation of a user area in DRAM during
CD-ROM (MP3) playback.
Continued on next page.
MP3 Decoder for Compact Disc Players
LC78684E
Ordering number : ENN7350


Podobny numer części - LC78684E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
ON Semiconductor
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786800E-H ONSEMI-LC786800E-H Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC78681E SANYO-LC78681E Datasheet
262Kb / 23P
   Digital Signal Processor for Compact Disc Players
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
   Digital Signal Processor for Compact Disc Players?
More results

Podobny opis - LC78684E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_2 Datasheet
132Kb / 6P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Rohm
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
logo
Sony Corporation
CXP1021Q SONY-CXP1021Q Datasheet
564Kb / 28P
   System Controller for Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com