Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78684E Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LC78684E
Szczegółowy opis  MP3 Decoder for Compact Disc Players
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78684E Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LC78684E Datasheet HTML 1Page - Sanyo Semicon Device LC78684E Datasheet HTML 2Page - Sanyo Semicon Device LC78684E Datasheet HTML 3Page - Sanyo Semicon Device LC78684E Datasheet HTML 4Page - Sanyo Semicon Device LC78684E Datasheet HTML 5Page - Sanyo Semicon Device LC78684E Datasheet HTML 6Page - Sanyo Semicon Device LC78684E Datasheet HTML 7Page - Sanyo Semicon Device LC78684E Datasheet HTML 8Page - Sanyo Semicon Device LC78684E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LC78684E
No.7350-5/21
Pin Functions
Absolute Maximum Ratings at VSS 0 V, AVSS 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
0.3 to VSS 4.0
V
Input voltage
VIN
0.3 to VDD1 0.3
V
Output voltage
VOUT
0.3 to VDD1 0.3
V
Allowable power dissipation
Pdmax
400
mW
Operating temperature
Topr
30 to 75
C
Storage temperature
Tstg
40 to 125
C
Allowable Operating Ranges at Ta
30 to 75 C, VSS 0 V, AVSS 0V
Ratings
Parameter
Symbol
Pin name
Conditions
min
typ
max
Unit
VDD1
DVDD1, DVDD3,
DVDD4, DVDD6, AVDD
3.0
3.3
3.6
V
Supply voltage
VDD2DVDD2, DVDD5
1.62
1.8
1.98
V
High-level input voltage
VIH
MDATA0 to 15,
LRSY, DATAIN,
DATACK, C2FIN,
PW, SBSY, SFSY,
STREQ, STCK,
STDAT, WOK,
CKIN, CE, CL,
CMDIN, RESB
0.8 VDD1VDD1V
Low-level input voltage
VIL
MDATA0 to 15,
LRSY, DATAIN,
DATACK, C2FIN,
PW, SBSY, SFSY,
STREQ, STCK,
STDAT, WOK,
CKIN, CE, CL,
CMDIN, RESB,
TEST1, TEST2
0
0.2 VDD1V
Operating frequency range
Fop
CKIN
16.9344
MHz


Podobny numer części - LC78684E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
ON Semiconductor
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786800E-H ONSEMI-LC786800E-H Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC78681E SANYO-LC78681E Datasheet
262Kb / 23P
   Digital Signal Processor for Compact Disc Players
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
   Digital Signal Processor for Compact Disc Players?
More results

Podobny opis - LC78684E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_2 Datasheet
132Kb / 6P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Rohm
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
logo
Sony Corporation
CXP1021Q SONY-CXP1021Q Datasheet
564Kb / 28P
   System Controller for Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com