Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2708 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części UC2708
Szczegółowy opis  Dual Non-Inverting Power Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC2708 Arkusz danych(HTML) 1 Page - Texas Instruments

  UC2708 Datasheet HTML 1Page - Texas Instruments UC2708 Datasheet HTML 2Page - Texas Instruments UC2708 Datasheet HTML 3Page - Texas Instruments UC2708 Datasheet HTML 4Page - Texas Instruments UC2708 Datasheet HTML 5Page - Texas Instruments UC2708 Datasheet HTML 6Page - Texas Instruments UC2708 Datasheet HTML 7Page - Texas Instruments UC2708 Datasheet HTML 8Page - Texas Instruments UC2708 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SLUS171A - MARCH 1997 - REVISED AUGUST 2001
BLOCK DIAGRAM
3.0A Peak Current Totem Pole
Output
5 to 35V Operation
25ns Rise and Fall Times
25ns Propagation Delays
Thermal Shutdown and Under-
Voltage Protection
High-Speed, Power MOSFET
Compatible
Efficient High Frequency Operation
Low Cross-Conduction Current
Spike
Enable and Shutdown Functions
Wide Input Voltage Range
ESD Protection to 2kV
The UC1708 family of power drivers is made with a high-speed,
high-voltage, Schottky process to interface control functions and high-power
switching devices – particularly power MOSFETs. Operating over a 5 to 35
volt supply range, these devices contain two independent channels. The A
and B inputs are compatible with TTL and CMOS logic families, but can
withstand input voltages as high as VIN. Each output can source or sink up
to 3A as long as power dissipation limits are not exceeded.
Although each output can be activated independently with its own inputs,
they can be forced low in common through the action of either a digital high
signal at the Shutdown terminal or by forcing the Enable terminal low. The
Shutdown terminal will only force the outputs low, it will not effect the behav-
ior of the rest of the device. The Enable terminal effectively places the device
in under-voltage lockout, reducing power consumption by as much as 90%.
During under-voltage and disable (Enable terminal forced low) conditions,
the outputs are held in a self-biasing, low-voltage, state.
The UC3708 and UC2708 are available in plastic 8-pin MINI DIP and 16-pin
“bat-wing” DIP packages for commercial operation over a 0
oCto+70oC tem-
perature range and industrial temperature range of -25
oCto+85oC
respectively. For operation over a -55
oC to +125oC temperature range, the
UC1708 is available in hermetically sealed 8-pin MINI CDIP, 16 pin CDIP
and 20 pin CLCC packages. Surface mount devices are also available.
UC1708
UC2708
UC3708
Dual Non-Inverting Power Driver
Note: Shutdown feature is not available in J or N packages only.
UDG-92024-1
FEATURES
DESCRIPTION
application
INFO
available


Podobny numer części - UC2708

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2708 TI-UC2708 Datasheet
221Kb / 5P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC2708 TI-UC2708 Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC2708 TI1-UC2708 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC2708D TI-UC2708D Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC2708D TI1-UC2708D Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
More results

Podobny opis - UC2708

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1708 TI-UC1708_08 Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC1708 TI-UC1708 Datasheet
221Kb / 5P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC1708 TI1-UC1708_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
logo
Microsemi Corporation
APTRG8A120G MICROSEMI-APTRG8A120G Datasheet
249Kb / 4P
   Dual IGBT Isolated Driver (Non Inverting)
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
logo
ON Semiconductor
NLU2G16 ONSEMI-NLU2G16_16 Datasheet
70Kb / 7P
   Dual Non-Inverting Buffer
July, 2016 ??Rev. 6
NLU2G16 ONSEMI-NLU2G16 Datasheet
98Kb / 8P
   Dual Non-Inverting Buffer
March, 2008 - Rev. 2
NLU2G16 ONSEMI-NLU2G16_12 Datasheet
135Kb / 10P
   Dual Non-Inverting Buffer
July, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com