Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2823B Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części UC2823B
Szczegółowy opis  High Speed PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC2823B Arkusz danych(HTML) 7 Page - Texas Instruments

  UC2823B Datasheet HTML 1Page - Texas Instruments UC2823B Datasheet HTML 2Page - Texas Instruments UC2823B Datasheet HTML 3Page - Texas Instruments UC2823B Datasheet HTML 4Page - Texas Instruments UC2823B Datasheet HTML 5Page - Texas Instruments UC2823B Datasheet HTML 6Page - Texas Instruments UC2823B Datasheet HTML 7Page - Texas Instruments UC2823B Datasheet HTML 8Page - Texas Instruments UC2823B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
UC1823A,B/1825A,B
UC2823A,B/2825A,B
UC3823A,B/3825A,B
SYNCHRONIZATION
The oscillator can be synchronized by an external pulse
inserted in series with the timing capacitor. Program the
free running frequency of the oscillator to be 10 to 15%
slower than the desired synchronous frequency. The
pulse width should be greater than 10ns and less than
half the discharge time of the oscillator. The rising edge
of the CLK/LEB pin can be used to generate a synchro-
nizing pulse for other chips. Note that, the CLK/LEB pin
will no longer accept an incoming synchronizing signal.
General Oscillator Synchronization
Operational Waveforms
Two Units
APPLICATIONS INFORMATION (cont.)
HIGH CURRENT OUTPUTS
Each totem pole output of the UC3823A,B and
UC3825A,B can deliver a 2 amp peak current into a ca-
pacitive load. The output can slew a 1000pF capacitor 15
volts in approximately 20 nanoseconds. Separate col-
lector supply (VC) and power ground (PGND) pins help
decouple the IC's analog circuitry from the high power
gate drive noise. The use of 3 Amp Schottky diodes
(1N5120, USD245 or equivalent) as shown in the figure
from each output to both VC and PGND are recom-
mended. The diodes clamp the output swing to the sup-
ply rails, necessary with any type of inductive/capacitive
load, typical of a MOSFET gate. Schottky diodes must
be used because a low forward voltage drop is required.
DO NOT USE standard silicon diodes.
Although a "single ended" device, two output drivers are
available on the UC3823A,B devices. These can be “par-
alleled” by the use of a one-half ohm (noninductive) re-
sistor connected in series with each output for a com-
bined peak current of 4 Amps.
Power MOSFET Drive Circuit
UDG-95111
UDG-95113
UDG-95112
UDG-95114


Podobny numer części - UC2823B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2823B TI-UC2823B Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC2823B TI-UC2823B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC2823B TI-UC2823B Datasheet
483Kb / 18P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC2823B TI1-UC2823B Datasheet
353Kb / 12P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC2823B TI1-UC2823B Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Podobny opis - UC2823B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com