Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68040DESC02ZAA Arkusz danych(PDF) 7 Page - ATMEL Corporation

Numer części TS68040DESC02ZAA
Szczegółowy opis  Third- Generation 32-bit Microprocessor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040DESC02ZAA Arkusz danych(HTML) 7 Page - ATMEL Corporation

Back Button TS68040DESC02ZAA Datasheet HTML 3Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 4Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 5Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 6Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 7Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 8Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 9Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 10Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
7
TS68040
2116A–HIREL–09/02
Table 3. Signal Index
Signal Name
Mnemonic
Function
Address Bus
A31-A0
32-bit address bus used to address any of 4G bytes
Data Bus
D31-D0
32-bit data bus used to transfer up to 32 bits of data per bus transfer
Transfer Type
TT1, TT0
Indicates the general transfer type: normal, MOVE 16, alternate logical function
code, and acknowledge
Transfer Modifier
TM2, TM0
Indicates supplemental information about the access
Transfer Line Number
TLN1, TLN0
Indicates which cache line in a set is being pushed or loaded by the current line
transfer
User Programmable Attributes
UPA1,
UPA0
User-defined signals, controlled by the corresponding user attribute bits from the
address translation entry
Read Write
R/W
Identifies the transfer as a read or write
Transfer Size
SIZ1, SIZ0
Indicates the data transfer size. These signals, together with A0 and A1, define the
active sections of the data bus
Bus Lock
LOCK
Indicates a bus transfer is part of a read-modify-write operation, and that the
sequence of transfers should not be interrupted
Bus Lock End
LOCKE
Indicates the current transfer is the last in a locked sequence of transfer
Cache Inhibit Out
CIOUT
Indicates the processor will not cache the current bus transfer
Transfer Start
TS
Indicates the beginning of a bus transfer
Transfer in Progress
TIP
Asserted for the duration of a bus transfer
Transfer Acknowledge
TA
Asserted to acknowledge a bus transfer
Transfer Error Acknowledge
TEA
Indicates an error condition exists for a bus transfer
Transfer Cache Inhibit
TCI
Indicates the current bus transfer should not be cached
Transfer Burst Inhibit
TBI
Indicates the slave cannot handle a line burst access
Data Latch Enable
DLE
Alternate clock input used to latch input data when the processor is operating in
DLE mode
Snoop Control
SC1, SC0
Indicates the snooping operation required during an alternate master access
Memory Inhibit
MI
Inhibits memory devices from responding to an alternate master access during
snooping operations
Bus Request
BR
Asserted by the processor to request bus mastership
Bus Grant
BG
Asserted by an arbiter to grant bus mastership to the processor
Bus Busy
BB
Asserted by the current bus master to indicate it has assumed ownership of the bus
Cache Disable
CDIS
Dynamically disables the internal caches to assist emulator support
MMU Disable
MDIS
Disables the translation mechanism of the MMUs
Reset In
RSTI
Processor reset
Reset Out
RSTO
Asserted during execution of the RESET instruction to reset external devices
Interrupt Priority Level
IPL2-IPL0
Provides an encoded interrupt level to the processor
Interrupt Pending
IPEND
Indicates an interrupt is pending
Autovector
AVEC
Used during an interrupt acknowledge transfer to request internal generation of the
vector number
Processor Status
PST3-PST0
Indicates internal processor status


Podobny numer części - TS68040DESC02ZAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Podobny opis - TS68040DESC02ZAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
   Third generation FemtoClock
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689_06 Datasheet
302Kb / 14P
   Third Generation CCFL Controller
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com