Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD676 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD676
Szczegółowy opis  16-Bit 100 kSPS Sampling ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD676 Arkusz danych(HTML) 5 Page - Analog Devices

  AD676_17 Datasheet HTML 1Page - Analog Devices AD676_17 Datasheet HTML 2Page - Analog Devices AD676_17 Datasheet HTML 3Page - Analog Devices AD676_17 Datasheet HTML 4Page - Analog Devices AD676_17 Datasheet HTML 5Page - Analog Devices AD676_17 Datasheet HTML 6Page - Analog Devices AD676_17 Datasheet HTML 7Page - Analog Devices AD676_17 Datasheet HTML 8Page - Analog Devices AD676_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AD676
REV. A
–4–
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units
Conversion Time
2
tC
10
1000
µs
CLK Period
3
tCLK
480
ns
Calibration Time
tCT
85,530
tCLK
Sampling Time (Included in tC)tS
2
µs
CAL to BUSY Delay
tCALB
75
150
ns
BUSY to SAMPLE Delay
tBS
2
µs
SAMPLE to BUSY Delay
tSB
15
100
ns
CLK HIGH
4
tCH
50
ns
CLK LOW
4
tCL
50
ns
SAMPLE LOW to 1st CLK Delay
tSC
50
ns
SAMPLE LOW
tSL
100
ns
Output Delay
tOD
125
200
ns
Status Delay
tSD
50
ns
CAL HIGH Time
tCALH
50
ns
NOTES
1See the “CONVERSION CONTROL” and “AUTOCALIBRATION” sections for detailed explanations of the above timing.
2Depends upon external clock frequency; includes acquisition time and conversion time. The maximum conversion time is specified to account for the droop of the
internal sample/hold function. Longer conversion times may degrade performance. See “General Conversion Guidelines” for additional explanation of maximum con-
version time.
3580 ns is recommended for optimal accuracy over temperature.
4t
CH + tCL = tCLK and must be greater than 480 ns.
CAL
BUSY
CLK
t
CH
t
CL
t
CLK
tCALB
t
OD
t
CT
CALH
t
Figure 1. Calibration Timing
SAMPLE
(INPUT)
CLK
(INPUT)
BIT 1 – BIT 16
(OUTPUTS)
BUSY
(OUTPUT)
1
234
5
t
S
t
SL
t
SC
t
CLK
t
CL
t
CH
t
OD
t
SD
t
SB
t
BS
t
C
13
14
15
16
17
(PREVIOUS CONVERSION)
(NEW DATA)
Figure 2a. General Conversion Timing
SAMPLE
(INPUT)
CLK
(INPUT)
BIT 1 – BIT 16
(OUTPUTS)
BUSY
(OUTPUT)
1
234
5
t
S
t
SL
t
SC
t
CLK
t
CL
t
CH
t
OD
t
SD
t
SB
t
BS
t
C
13
14
15
16
17
t
S
(PREVIOUS CONVERSION)
(NEW DATA)
Figure 2b. Continuous Conversion Timing
(TMIN to TMAX VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10%, VREF = 10.0 V)
1


Podobny numer części - AD676_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD676 AD-AD676_15 Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
More results

Podobny opis - AD676_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676JN AD-AD676JN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676 Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677 Datasheet
427Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_17 Datasheet
461Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676KN AD-AD676KN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com