Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7721AN Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7721AN
Szczegółowy opis  CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7721AN Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7721AN Datasheet HTML 4Page - Analog Devices AD7721AN Datasheet HTML 5Page - Analog Devices AD7721AN Datasheet HTML 6Page - Analog Devices AD7721AN Datasheet HTML 7Page - Analog Devices AD7721AN Datasheet HTML 8Page - Analog Devices AD7721AN Datasheet HTML 9Page - Analog Devices AD7721AN Datasheet HTML 10Page - Analog Devices AD7721AN Datasheet HTML 11Page - Analog Devices AD7721AN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD7721
REV. A
–7–
Parallel Mode Only
Mnemonic
Function
CS
Chip Select Logic Input.
RD
Read Logic Input. This digital input is used in conjunction with
CS to read data from the device.
WR
Write Logic Input. This digital input is used in conjunction with
CS to write data to the control register.
DRDY
In parallel interface mode, a falling edge on
DRDY indicates that new data is available to be read from the
interface. During a synchronization or calibration cycle,
DRDY remains high until valid data is available.
DVAL/
SYNC
The function of this pin is determined by the state of bit DB3 in the control register. Writing a logic zero to
bit DB3 will program this pin to be a DVAL output. Writing a logic one to bit DB3 will program this pin to
be a
SYNC input pin.
A rising edge on
SYNC starts the synchronization cycle. SYNC must be pulsed low for at least one clock
cycle.
When switching this pin from
SYNC mode to DVAL mode, it is important that there are no rising edges on
the pin which could cause resynchronization. For this purpose, an internal pull-up resistor has been included
on this pin. Thus, when the external driver driving this pin in
SYNC mode is switched off, the DVAL/SYNC
pin remains high.
SDATA/DB11–
These pins are both data outputs and control register inputs. Output data is placed on these pins by taking
STBY/DB0
RD and CS low. Data on these pins is read into the control register by toggling WR low with CS low. With
RD high, these pins are high impedance.
Control functions such as CAL,
UNI and STBY, which are available as pins in serial mode, are available as bits in parallel mode.
Table I lists the contents of the control register onboard the AD7721. This register is written to in parallel mode using the
WR pin.
Table I. Function of Control Register Bits
Control
Register
Logical
Bit
Function
State
Mode
DB0
STBY
0
Normal Operation.
1
Power-Down (Standby) Mode.
DB1
CAL
0
Normal Operation.
1
Writing a Logic “1” to this bit starts a calibration cycle. Internal logic resets this bit to zero at the end of
calibration.
DB2
UNI
0
Unipolar Mode.
1
Bipolar Mode.
DB3
DVAL/
SYNC
0
Sets DVAL/
SYNC Pin to DVAL Mode.
1
Sets DVAL/
SYNC Pin to SYNC Mode.
DB9
0
This bit is used for testing the AD7721. A logic low MUST be written into this bit for normal
operation.


Podobny numer części - AD7721AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7721AN AD-AD7721AN Datasheet
259Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
More results

Podobny opis - AD7721AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7721 AD-AD7721 Datasheet
259Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com