Zakładka z wyszukiwarką danych komponentów |
|
AD7851 Arkusz danych(PDF) 9 Page - Analog Devices |
|
AD7851 Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 37 page AD7851 –8– REV. B TERMINOLOGY Integral Nonlinearity This is the maximum deviation from a straight line passing through the endpoints of the ADC transfer function. The end- points of the transfer function are zero scale, a point 1/2 LSB below the first code transition, and full scale, a point 1/2 LSB above the last code transition. Differential Nonlinearity This is the difference between the measured and the ideal 1 LSB change between any two adjacent codes in the ADC. Total Unadjusted Error This is the deviation of the actual code from the ideal code tak- ing all errors into account (gain, offset, integral nonlinearity, and other errors) at any point along the transfer function. Unipolar Offset Error This is the deviation of the first code transition (00 . . . 000 to 00 . . . 001) from the ideal AIN(+) voltage (AIN(–) + 1/2 LSB) when operating in unipolar mode. Positive Full-Scale Error This applies to unipolar and bipolar modes and is the deviation of the last code transition from the ideal AIN(+) voltage (AIN(–) + full scale – 1.5 LSB) after the offset error has been adjusted out. Negative Full-Scale Error This applies to bipolar mode only and is the deviation of the first code transition (10 . . . 000 to 10 . . . 001) from the ideal AIN(+) voltage (AIN(–) – VREF/2 + 0.5 LSB). Bipolar Zero Error This is the deviation of the midscale transition (all 1s to all 0s) from the ideal AIN(+) voltage (AIN(–) – 1/2 LSB). Track-and-Hold Acquisition Time The track-and-hold amplifier returns into track mode at the end of conversion. Track-and-hold acquisition time is the time required for the output of the track-and-hold amplifier to reach its final value, within ±1/2 LSB, after the end of conversion. Signal-to-(Noise + Distortion) Ratio This is the measured ratio of signal-to-(noise + distortion) at the output of the ADC. The signal is the rms amplitude of the fundamental. Noise is the sum of all nonfundamental signals up to half the sampling frequency (fS/2), excluding dc. The ratio is dependent on the number of quantization levels in the digitiza- tion process; the more levels, the smaller the quantization noise. The theoretical signal-to-(noise + distortion) ratio for an ideal N-bit converter with a sine wave input is given by Signal-to-(Noise + Distortion) = (6.02 N +1.76)dB Thus, for a 14-bit converter, this is 86 dB. Total Harmonic Distortion Total harmonic distortion (THD) is the ratio of the rms sum of harmonics to the fundamental. For the AD7851, it is defined as THD VVV VV V (d ) 20 log B = ++ ++ () 2 2 3 2 4 2 5 2 6 2 1 where V1 is the rms amplitude of the fundamental and V2, V3, V4, V5, and V6 are the rms amplitudes of the second through the sixth harmonics. Peak Harmonic or Spurious Noise Peak harmonic or spurious noise is defined as the ratio of the rms value of the next largest component in the ADC output spectrum (up to fS/2 and excluding dc) to the rms value of the fundamental. Normally, the value of this specification is deter- mined by the largest harmonic in the spectrum, but for parts where the harmonics are buried in the noise floor, it will be a noise peak. Intermodulation Distortion With inputs consisting of sine waves at two frequencies, fa and fb, any active device with nonlinearities will create distortion products at sum and difference frequencies of mfa ± nfb where m, n = 0, 1, 2, 3, etc. Intermodulation distortion terms are those for which neither m nor n are equal to zero. For example, the second-order terms include (fa + fb) and (fa – fb), while the third-order terms include (2fa + fb), (2fa – fb), (fa + 2fb), and (fa – 2fb). Testing is performed using the CCIF standard where two input frequencies near the top end of the input bandwidth are used. In this case, the second-order terms are usually distanced in frequency from the original sine waves while the third-order terms are usually at a frequency close to the input frequencies. As a result, the second- and third-order terms are specified separately. The calculation of the intermodulation distortion is as per the THD specification where it is the ratio of the rms sum of the individual distortion products to the rms amplitude of the sum of the fundamentals expressed in dBs. Power Supply Rejection Ratio (PSRR) PSRR is defined as the ratio of the power in ADC output at fre- quency f to the power of the full-scale sine wave applied to the supply voltage (VDD). The units are in LSB, % of FS per % of supply voltage, or expressed logarithmically, in dB (PSRR (dB) = 10 log (Pf/Pfs)). Full Power Bandwidth (FPBW) FPBW is that frequency at which the amplitude of the recon- structed fundamental (using FFTs and neglecting harmonics and SNR) is reduced by 3 dB for a full-scale input. |
Podobny numer części - AD7851 |
|
Podobny opis - AD7851 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |