Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7861 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7861
Szczegółowy opis  11-Bit Resolution Simultaneous Sampling A/D Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7861 Arkusz danych(HTML) 1 Page - Analog Devices

  AD7861 Datasheet HTML 1Page - Analog Devices AD7861 Datasheet HTML 2Page - Analog Devices AD7861 Datasheet HTML 3Page - Analog Devices AD7861 Datasheet HTML 4Page - Analog Devices AD7861 Datasheet HTML 5Page - Analog Devices AD7861 Datasheet HTML 6Page - Analog Devices AD7861 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
a
AD7861
FUNCTIONAL BLOCK DIAGRAM
REF IN
BUSY
REF OUT
VIN1
VIN2
VIN3
A0
A1
D0
D11
RD
CS
CLKIN
SHA
2.5V
REFERENCE
AUX0
AUX1
AUX2
AUX3
S0
S1
CONVST
RESET
M0
M1
12
11-BIT
ADC
4-1
MUX
OUTPUT
REGISTERS
SGND
AGND
DGND
VDD
AD7861
11-Bit Resolution
Simultaneous Sampling A/D Converter
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
FEATURES
11-Bit Resolution Analog-to-Digital Converter
Seven Single-Ended Analog Inputs
Four Input Channels Simultaneously Sampled
Expansion with 4 Multiplexed Inputs
Internal 2.5 V Reference
3.2
s Conversion Time per Channel
User Definable Channel Sequencing
Single Supply +5 V Operation
Double Buffered Register Outputs
6.25 MHz to 12.5 MHz Operating Clock Range
APPLICATIONS
Motor Control
3-Phase Power Measurement
Cellular Phones
Data Acquisition
GENERAL DESCRIPTION
The AD7861 is a multichannel simultaneous sampling A/D
Converter (ADC) configured for the acquisition of voltage
inputs in a motor control solution or three-phase power system.
The AD7861 combined with Analog Devices’ 16-bit fixed-
point digital signal processor (DSP) provides a low cost 16-bit
fixed-point microcontroller solution.
The input stage has been designed to accommodate the types of
signals frequently found in motor drives. The VIN1, VIN2, and
VIN3 channels are simultaneously sampled inputs suitable for
stator current acquisition. The AUX0–AUX3 channels are
multiplexed and are suitable for slower moving inputs such as
temperature and bus voltage of the diode rectifier output in a
motor control application.
PRODUCT HIGHLIGHTS
Simultaneous Sampling of Four Inputs
Four channel sample and hold amplifier (SHA) allows out of
phase input signals to be sampled simultaneously, preserving
the relative phase information. Sample-and-hold acquisition
time is 1.6
µs and conversion time per channel is 3.2 µs (using
a 12.5 MHz system clock).
Flexible Analog Channel Sequencing
AD7861 supports acquisition of 2, 3 or 4 channels per group.
Converted channel results are stored in registers and the data
can be read in any order. The sampling and conversion time
for two channels is 8
µs, three channels is 11.2 µs, and four
channels is 14.4
µs (using a 12.5 MHz system clock).
Single 5 V dc Operation
Low power, digital process.
REV. B
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Podobny numer części - AD7861

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7861 AD-AD7861 Datasheet
95Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861AP AD-AD7861AP Datasheet
95Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
More results

Podobny opis - AD7861

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7861 AD-AD7861 Datasheet
95Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
logo
List of Unclassifed Man...
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
   8 Channel 12 (16) bit Simultaneous Sampling A/D
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
Texas Instruments
ADC122S706 TI1-ADC122S706_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S706 TI1-ADC122S706_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S706 NSC-ADC122S706 Datasheet
559Kb / 24P
   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com