Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7851KRZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7851KRZ
Szczegółowy opis  14-Bit 333 kSPS Serial A/D Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7851KRZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7851KRZ Datasheet HTML 4Page - Analog Devices AD7851KRZ Datasheet HTML 5Page - Analog Devices AD7851KRZ Datasheet HTML 6Page - Analog Devices AD7851KRZ Datasheet HTML 7Page - Analog Devices AD7851KRZ Datasheet HTML 8Page - Analog Devices AD7851KRZ Datasheet HTML 9Page - Analog Devices AD7851KRZ Datasheet HTML 10Page - Analog Devices AD7851KRZ Datasheet HTML 11Page - Analog Devices AD7851KRZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
–7–
REV. B
AD7851
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND . . . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND . . . . . . . . . . –0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . . .
±10 mA
Operating Temperature Range
Commercial (A, K Versions) . . . . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
PDIP Package, Power Dissipation . . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 105
°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . .34.7°C/W
Lead Temperature, (Soldering, 10 secs) . . . . . . . . . . 260
°C
SOIC, SSOP Package, Power Dissipation . . . . . . . . . 450 mW
θJA Thermal Impedance . . 75°C/W (SOIC), 122.28°C/W (SSOP)
θ
JC Thermal Impedance . . . 25
°C/W (SOIC), 31.25°C/W (SSOP)
PINOUT FOR DIP, SOIC, AND SSOP
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AD7851
TOP VIEW
(Not to Scale)
CONVST
BUSY
SLEEP
REFIN/REFOUT
AVDD
AGND
CREF1
CREF2
AIN(+)
AIN(–)
NC
AGND
SYNC
SCLK
CLKIN
DIN
DOUT
DGND
DVDD
CAL
SM2
SM1
POLARITY
AMODE
NC = NO CONNECT
ORDERING GUIDE
1
Linearity
Temperature
Error
Throughput
Throughput
Package
Model
Range
(LSB)
2
Rate (kSPS)
at 125 C (kSPS) Description
Options
3
AD7851AN
–40
°C to +85°C
±2
333
238
PDIP
N-24
AD7851KN
0
°C to 85°C
±1
285
238
PDIP
N-24
AD7851AR
–40
°C to +85°C
±2
333
238
SOIC
R-24
AD7851AR-REEL
–40
°C to +85°C
±2
333
238
SOIC
R-24
AD7851ARZ
3
–40
°C to +85°C
±2
333
238
SOIC
R-24
AD7851ARZ-REEL
3
–40
°C to +85°C
±2
333
238
SOIC
R-24
AD7851KR
0
°C to 85°C
±1
285
238
SOIC
R-24
AD7851KR-REEL
0
°C to 85°C
±1
285
238
SOIC
R-24
AD7851KRZ
3
0
°C to 85°C
±1
285
238
SOIC
R-24
AD7851KRZ-REEL
3
0
°C to 85°C
±1
285
238
SOIC
R-24
AD7851ARS
–40
°C to +85°C
±2
333
238
SSOP
RS-24
AD7851ARS-REEL
–40
°C to +85°C
±2
333
238
SSOP
RS-24
EVAL-AD7851CB
4
Evaluation Board
EVAL-CONTROL BRD2
5
Controller Board
NOTES
1Both A and K Grades are guaranteed up to 125
°C, but at a lower throughput of 238 kHz (5 MHz).
2Linearity error refers to the integral linearity error.
3Z = Pb-free part.
4This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
5This board is a complete unit allowing a PC to control and communicate with all Analog Devices, Inc. evaluation boards ending in the CB designators. To order a
complete evaluation kit, the particular ADC evaluation board needs to be ordered, e.g., EVAL-AD7851CB, the EVAL-CONTROL BRD2, and a 12 V ac trans-
former. See the Evaluation Board application note for more information.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7851 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >1.5 kV
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.


Podobny numer części - AD7851KRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7851KRZ-REEL3 AD-AD7851KRZ-REEL3 Datasheet
366Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. B
AD7851KRZ3 AD-AD7851KRZ3 Datasheet
366Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. B
More results

Podobny opis - AD7851KRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7851 AD-AD7851 Datasheet
435Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. A
AD7851 AD-AD7851_15 Datasheet
366Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. B
AD7851ARZ AD-AD7851ARZ Datasheet
366Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. B
logo
National Semiconductor ...
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S625 TI1-ADC141S625_14 Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674 Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_17 Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com