Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7896 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7896
Szczegółowy opis  2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7896 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7896 Datasheet HTML 6Page - Analog Devices AD7896 Datasheet HTML 7Page - Analog Devices AD7896 Datasheet HTML 8Page - Analog Devices AD7896 Datasheet HTML 9Page - Analog Devices AD7896 Datasheet HTML 10Page - Analog Devices AD7896 Datasheet HTML 11Page - Analog Devices AD7896 Datasheet HTML 12Page - Analog Devices AD7896 Datasheet HTML 13Page - Analog Devices AD7896 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7896
–9–
Serial Interface
The serial interface to the AD7896 consists of three wires: a
serial clock input (SCLK), the serial data output (SDATA), and
a conversion status output (BUSY). This allows for an easy-to-
use interface to most microcontrollers, DSP processors, and
shift registers.
Figure 4 shows the timing diagram for the read operation to the
AD7896. The serial clock input (SCLK) provides the clock
source for the serial interface. Serial data is clocked out from the
SDATA line on the falling edge of this clock and is valid on both
the rising and falling edges of SCLK. The advantage of having
the data valid on both the rising and falling edges of the SCLK
is to give the user greater flexibility in interfacing to the part and
so that a wider range of microprocessor and microcontroller inter-
faces can be accommodated. This also explains the two timing
figures t4 and t5 that are quoted on the diagram. The time t4 speci-
fies how long after the falling edge of the SCLK that the next data
bit becomes valid, whereas the time t5 specifies how long after the
falling edge of the SCLK that the current data bit is valid for. The
first leading zero is clocked out on the first rising edge of
SCLK; note that the first zero may be valid on the first falling
edge of SCLK even though the data access time is specified
at 60 ns (5 V [A, B, J versions only]) for the other bits (and the
SCLK high time will be 50 ns with a 10 MHz SCLK). The reason
that the first bit will be clocked out faster than the other bits is
due to the internal architecture of the part. Sixteen clock pulses
must be provided to the part to access the full conversion result.
The AD7896 provides four leading zeros followed by the 12-bit
conversion result starting with the MSB (DB11). The last data
bit to be clocked out on the penultimate falling clock edge is the
LSB (DB0). On the 16th falling edge of SCLK, the LSB (DB0)
will be valid for a specified time to allow the bit to be read on
the falling edge of SCLK, and then the SDATA line is disabled
(three-stated). After this last bit has been clocked out, the SCLK
input should remain low until the next serial data read opera-
tion. If there are extra clock pulses after the 16th clock, the
AD7896 will start over again with outputting data from its out-
put register, and the data bus will no longer be three-stated even
when the clock stops. Provided the serial clock has stopped
before the next falling edge of
CONVST, the AD7896 will
continue to operate correctly with the output shift register being
reset on the falling edge of
CONVST. However, the SCLK line
must be low when
CONVST goes low in order to reset the
output shift register correctly.
The serial clock input does not need to be continuous during
the serial read operation. The 16 bits of data (four leading zeros
and 12-bit conversion result) can be read from the AD7896 in a
number of bytes. However, the SCLK input must remain low
between the two bytes.
The maximum SCLK frequency is 10 MHz for 5 V operation
(giving a throughput of 100 kHz) and at 2.7 V the maximum
SCLK frequency is less than 10 MHz to allow for the longer
data access time, t4 (60 ns @ 5 V, 100 ns @ 2.7 V (A, B, J
versions), 70 ns @ 5 V, 110 ns @ 2.7 V (S version)). Note that
at 3.0 V operation (A, B, J versions), an SCLK of 10 MHz
(throughput rate of 100 kHz) may be acceptable if the required
processor setup time is 0 ns (this may be possible with an ASIC
or FPGA). The data must be read in the next 10 ns, which is
specified as the data hold time, t5, after the SCLK edge.
The AD7896 counts the serial clock edges to know which bit
from the output register should be placed on the SDATA out-
put. To ensure that the part does not lose synchronization, the
serial clock counter is reset on the falling edge of the
CONVST
input provided the SCLK line is low. The user should ensure
that a falling edge on the
CONVST input does not occur while
a serial data read operation is in progress.
MICROPROCESSOR/MICROCONTROLLER INTERFACE
The AD7896 provides a 3-wire serial interface that can be
used for connection to the serial ports of DSP processors and
microcontrollers. Figures 5 through 8 show the AD7896
interfaced to a number of different microcontrollers and DSP
processors. The AD7896 accepts an external serial clock and as
a result, in all interfaces shown here, the processor/controller is
configured as the master, providing the serial clock, with the
AD7896 configured as the slave in the system.
AD7896–8051 Interface
Figure 5 shows an interface between the AD7896 and the
8X51/L51 microcontroller. The 8X51/L51 is configured for its
Mode 0 serial interface mode. The diagram shows the simplest
form of the interface where the AD7896 is the only part connected
to the serial port of the 8X51/L51 and, therefore, no decoding
of the serial read operations is required.
t2
4 LEADING ZEROS
DOUT (O/P)
SCLK (I/P)
t6
12
3
456
15
16
DB0
DB10
DB11
THREE-STATE
t5
t3
t4
THREE-STATE
t2 = t3 = 40ns MIN, t4 = 60ns MAX, t5 = 10ns MIN, t6 = 50ns MAX @ 5V, A, B, VERSIONS
Figure 4. Data Read Operation
Rev. D


Podobny numer części - AD7896

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7896 AD-AD7896 Datasheet
367Kb / 12P
   2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV. B
AD7896AN AD-AD7896AN Datasheet
367Kb / 12P
   2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV. B
AD7896AN AD-AD7896AN Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
More results

Podobny opis - AD7896

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896 AD-AD7896_15 Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823 AD-AD7823 Datasheet
155Kb / 11P
   2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7896 AD-AD7896 Datasheet
367Kb / 12P
   2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV. B
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
   2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810YRZ-REEL7 AD-AD7810YRZ-REEL7 Datasheet
144Kb / 11P
   2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com