Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7895AR-10 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7895AR-10
Szczegółowy opis  5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7895AR-10 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7895AR-10 Datasheet HTML 1Page - Analog Devices AD7895AR-10 Datasheet HTML 2Page - Analog Devices AD7895AR-10 Datasheet HTML 3Page - Analog Devices AD7895AR-10 Datasheet HTML 4Page - Analog Devices AD7895AR-10 Datasheet HTML 5Page - Analog Devices AD7895AR-10 Datasheet HTML 6Page - Analog Devices AD7895AR-10 Datasheet HTML 7Page - Analog Devices AD7895AR-10 Datasheet HTML 8Page - Analog Devices AD7895AR-10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AD7895
–4–
REV. 0
PIN FUNCTION DESCRIPTION
Pin
Pin
No.
Mnemonic
Description
1
REF IN
Voltage Reference Input. An external reference source should be connected to this pin to provide the refer-
ence voltage for the AD7895’s conversion process. The REF IN input is buffered on chip. The nominal ref-
erence voltage for correct operation of the AD7895 is +2.5 V.
2VIN
Analog Input Channel. The analog input range is
±10 V (AD7895-10), ±2.5 V (AD7895-3) and 0 V to
+2.5 V (AD7895-2).
3
GND
Analog Ground. Ground reference for track/hold, comparator, digital circuitry and DAC.
4
SCLK
Serial Clock Input. An external serial clock is applied to this input to obtain serial data from the AD7895.
A new serial data bit is clocked out on the falling edge of this serial clock. Data is guaranteed valid for 10 ns
after this falling edge so that data can be accepted on the falling edge when a fast serial clock is used. The
serial clock input should be taken low at the end of the serial data transmission.
5
SDATA
Serial Data Output. Serial data from the AD7895 is provided at this output. The serial data is clocked out
by the falling edge of SCLK, but the data can also be read on the falling edge of SCLK. This is possible
because data bit N is valid for a specified time after the falling edge of SCLK (data hold time) (see Figure 4).
Sixteen bits of serial data are provided with four leading zeros followed by the 12 bits of conversion data.
On the sixteenth falling edge of SCLK, the SDATA line is held for the data hold time and then is disabled
(three-stated). Output data coding is 2s complement for the AD7895-10, AD7895-3 and straight binary for
the AD7895-2.
6
BUSY
The BUSY pin is used to indicate when the part is doing a conversion. The BUSY pin will go high on the
falling edge of CONVST and will return low when the conversion is complete.
7
CONVST
Convert Start. Edge-triggered logic input. On the falling edge of this input, the track/hold goes into its hold
mode, and conversion is initiated. If CONVST is low at the end of conversion, the part goes into power-
down mode. In this case, the rising edge of CONVST “wakes up” the part.
8VDD
Positive supply voltage, +5 V
± 5%.
PIN CONFIGURATION
DIP and SOIC
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD7895
REF IN
SDATA
BUSY
CONVST
VDD
VIN
GND
SCLK


Podobny numer części - AD7895AR-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7895AR-10 AD-AD7895AR-10 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895AR-10 AD-AD7895AR-10 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895AR-10 AD-AD7895AR-10 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
More results

Podobny opis - AD7895AR-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7898ARZ-10 AD-AD7898ARZ-10 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR10 AD-AD7898AR10 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898 AD-AD7898 Datasheet
184Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. 0
AD7898 AD-AD7898_17 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com