Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7896BR Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7896BR
Szczegółowy opis  2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7896BR Arkusz danych(HTML) 3 Page - Analog Devices

  AD7896BR Datasheet HTML 1Page - Analog Devices AD7896BR Datasheet HTML 2Page - Analog Devices AD7896BR Datasheet HTML 3Page - Analog Devices AD7896BR Datasheet HTML 4Page - Analog Devices AD7896BR Datasheet HTML 5Page - Analog Devices AD7896BR Datasheet HTML 6Page - Analog Devices AD7896BR Datasheet HTML 7Page - Analog Devices AD7896BR Datasheet HTML 8Page - Analog Devices AD7896BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–2–
AD7896–SPECIFICATIONS
(VDD = 2.7 V to 5.5 V, AGND = DGND = 0 V. All specifications TMIN to TMAX,
unless otherwise noted.)
Test Conditions/
Parameter
A Version
1
B Version
J Version
S Version Unit
Comments
DYNAMIC PERFORMANCE
2
Signal-to-(Noise + Distortion) Ratio
3
@ 25
°C70
70
70 typ
70
dB min
fIN = 10 kHz Sine Wave,
fSAMPLE = 100 kHz
TMIN to TMAX
70
dB min
Total Harmonic Distortion (THD)
3
–80 typ
dB max
fIN = 10 kHz Sine Wave,
fSAMPLE = 100 kHz
Peak Harmonic or Spurious Noise
3
–80
–80
–80 typ
dB max
fIN = 10 kHz Sine Wave,
fSAMPLE = 100 kHz
Intermodulation Distortion (IMD)
3
fa = 9 kHz, fb = 9.5 kHz,
fSAMPLE = 100 kHz
Second Order Terms
–80 typ
dB max
Third Order Terms
–80
–80
–80 typ
–80
dB max
DC ACCURACY
Resolution
12
12
12
12
Bits
Minimum Resolution for Which No
Missing Codes Are Guaranteed
12
12
12
12
Bits
Relative Accuracy
3
±1
±1/2
±1
±1LSB max
Differential Nonlinearity
3
±1
±1
±1
±1LSB max
Positive Full-Scale Error
3
±3
±1.5
±3
±3LSB max
Unipolar Offset Error
±4
±4
±5
±4LSB max V
DD = 5 V
± 10%
±4
±3
±5
±4LSB max V
DD = 2.7 V to 3.6 V
ANALOG INPUT
Input Voltage Range
0 to +VDD
0to +VDD
0to +VDD 0 to +VDD V
Input Current
±2
±2
±2
±5
µA max
LOGIC INPUTS
Input High Voltage, VINH
2.0
2.0
2.0
2.0
V min
VDD = 2.7 V to 3.6 V
2.4
2.4
2.4
2.4
VDD = 5 V
± 10%
Input Low Voltage, VINL
0.8
0.8
0.8
0.8
V max
Input Current, IIN
±10
±10
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
4
10
10
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
2.4
2.4
2.4
2.4
V min
ISOURCE = 400 A
Output Low Voltage, VOL
0.4
0.4
0.4
0.4
V max
ISINK = 1.6 mA
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
Mode 1 Operation
8
8
8
8.5
µs max
Mode 2 Operation
5
14
14
14
14.5
µs max
Track-and-Hold Acquisition Time
3
1.5
1.5
1.5
1.5
µs max
Rev. D
77
77
77
77
77
77


Podobny numer części - AD7896BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7896BR AD-AD7896BR Datasheet
367Kb / 12P
   2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV. B
AD7896BR AD-AD7896BR Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896BR-REEL AD-AD7896BR-REEL Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896BRZ AD-AD7896BRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896BRZ-REEL AD-AD7896BRZ-REEL Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
More results

Podobny opis - AD7896BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896 AD-AD7896_15 Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823 AD-AD7823 Datasheet
155Kb / 11P
   2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7896 AD-AD7896 Datasheet
367Kb / 12P
   2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV. B
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
   2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810YRZ-REEL7 AD-AD7810YRZ-REEL7 Datasheet
144Kb / 11P
   2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com