Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7892BR-3 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7892BR-3
Szczegółowy opis  LC2MOS Single Supply, 12-Bit 600 kSPS ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7892BR-3 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7892BR-3 Datasheet HTML 4Page - Analog Devices AD7892BR-3 Datasheet HTML 5Page - Analog Devices AD7892BR-3 Datasheet HTML 6Page - Analog Devices AD7892BR-3 Datasheet HTML 7Page - Analog Devices AD7892BR-3 Datasheet HTML 8Page - Analog Devices AD7892BR-3 Datasheet HTML 9Page - Analog Devices AD7892BR-3 Datasheet HTML 10Page - Analog Devices AD7892BR-3 Datasheet HTML 11Page - Analog Devices AD7892BR-3 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD7892
REV. C
–7–
Pin
No.
Mnemonic
Description
16
DB4/SCLK
Data Bit 4/Serial Clock. When the device is in its parallel mode, this pin is Data Bit 4, a three-state
TTL-compatible output. When the device is in its serial mode, this becomes the serial clock pin,
SCLK. SCLK is an input and an external serial clock must be provided at this pin to obtain serial
data from the AD7892. Serial data is clocked out from the output shift register on the rising edges
of SCLK after
RFS goes low.
17
DB3/
RFS
Data Bit 3/Receive Frame Synchronization. When the device is in its parallel mode, this pin is Data
Bit 3, a three-state TTL-compatible output. When the device is in its serial mode, this becomes the
receive frame synchronization input with
RFS provided externally to obtain serial data from the
AD7892.
18
DB2
Data Bit 2. Three-state TTL-compatible output. This output should be left unconnected when the
device is in its serial mode.
19
DB1
Data Bit 1. Three-state TTL-compatible output. This output should be left unconnected when the
device is in its serial mode.
20
DB0
Data Bit 0 (LSB). Three-state TTL-compatible output. Output coding is two’s complement for
AD7892-1 and AD7892-3 and straight (natural) binary for AD7892-2. This output should be left
unconnected when the device is in its serial mode.
21
RD
Read. Active low logic input which is used in conjunction with
CS low to enable the data outputs.
22
CS
Chip Select. Active low logic input which is used in conjunction with
RD to enable the data outputs.
23
EOC
End-of-Conversion. Active low logic output indicating converter status. The end of conversion is
signified by a low going pulse on this line. The duration of this
EOC pulse is nominally 100 ns.
24
CONVST
Convert Start. Logic Input. A low-to-high transition on this input puts the track/hold into its hold
mode and starts conversion.
PIN CONFIGURATION
DIP and SOIC
VDD
REF OUT/REF IN
AGND
MODE
DB0 (LSB)
DB1
DB2
VIN2
VIN1
DB11/LOW
DB3/
RFS
DB10/LOW
DB4/SCLK
DB9
DB5/SDATA
DB8
DGND
DB7
DB6
14
1
2
24
23
5
6
7
20
19
18
3
4
22
21
817
916
10
15
11
TOP VIEW
(Not to Scale)
11
12
13
AD7892
STANDBY
CONVST
EOC
CS
RD


Podobny numer części - AD7892BR-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7892BR-3 AD-AD7892BR-3 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BR-3 AD-AD7892BR-3 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BR-3 AD-AD7892BR-3 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
More results

Podobny opis - AD7892BR-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_15 Datasheet
146Kb / 14P
   LC MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV. A
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com