Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7890BN-4 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7890BN-4
Szczegółowy opis  8-Channel, 12-Bit Serial Data Acquisition System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7890BN-4 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7890BN-4 Datasheet HTML 5Page - Analog Devices AD7890BN-4 Datasheet HTML 6Page - Analog Devices AD7890BN-4 Datasheet HTML 7Page - Analog Devices AD7890BN-4 Datasheet HTML 8Page - Analog Devices AD7890BN-4 Datasheet HTML 9Page - Analog Devices AD7890BN-4 Datasheet HTML 10Page - Analog Devices AD7890BN-4 Datasheet HTML 11Page - Analog Devices AD7890BN-4 Datasheet HTML 12Page - Analog Devices AD7890BN-4 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7890
Rev. C | Page 8 of 28
Pin No.
Mnemonic
Description
14
SHA IN
Track/Hold Input. The input to the on-chip track/hold is applied to this pin. It is a high impedance input and the
input voltage range is 0 V to 2.5 V.
15
AGND
Analog Ground. Ground reference for track/hold, comparator, and DAC.
16
VIN1
Analog Input Channel 1. Single-ended analog input. The analog input range on is ±10 V (AD7890-10), 0 V to
4.096 V (AD7890-4), and 0 V to 2.5 V (AD7890-2). The channel to be converted is selected using the A0, A1, and
A2 bits in the control register. The multiplexer has guaranteed break-before-make operation.
17
VIN2
Analog Input Channel 2. Single-ended analog input. The analog input range on is ±10 V (AD7890-10), 0 V to
4.096 V (AD7890-4), and 0 V to 2.5 V (AD7890-2). The channel to be converted is selected using the A0, A1, and
A2 bits in the control register. The multiplexer has guaranteed break-before-make operation.
18
VIN3
Analog Input Channel 3. Single-ended analog input. The analog input range on is ±10 V (AD7890-10), 0 V to
4.096 V (AD7890-4), and 0 V to 2.5 V (AD7890-2). The channel to be converted is selected using the A0, A1, and
A2 bits in the control register. The multiplexer has guaranteed break-before-make operation.
19
VIN4
Analog Input Channel 4. Single-ended analog input. The analog input range on is ±10 V (AD7890-10), 0 V to
4.096 V (AD7890-4), and 0 V to 2.5 V (AD7890-2). The channel to be converted is selected using the A0, A1, and
A2 bits in the control register. The multiplexer has guaranteed break-before-make operation.
20
VIN5
Analog Input Channel 5. Single-ended analog input. The analog input range on is ±10 V (AD7890-10), 0 V to
4.096 V (AD7890-4), and 0 V to 2.5 V (AD7890-2). The channel to be converted is selected using the A0, A1, and
A2 bits in the control register. The multiplexer has guaranteed break-before-make operation.
21
VIN6
Analog Input Channel 6. Single-ended analog input. The analog input range on is ±10 V (AD7890-10), 0 V to
4.096 V (AD7890-4), and 0 V to 2.5 V (AD7890-2). The channel to be converted is selected using the A0, A1, and
A2 bits in the control register. The multiplexer has guaranteed break-before-make operation.
22
VIN7
Analog Input Channel 7. Single-ended analog input. The analog input range on is ±10 V (AD7890-10), 0 V to
4.096 V (AD7890-4), and 0 V to 2.5 V (AD7890-2). The channel to be converted is selected using the A0, A1, and
A2 bits in the control register. The multiplexer has guaranteed break-before-make operation.
23
VIN8
Analog Input Channel 8. Single-ended analog input. The analog input range on is ±10 V (AD7890-10), 0 V to
4.096 V (AD7890-4) and 0 V to 2.5 V (AD7890-2). The channel to be converted is selected using the A0, A1, and
A2 bits in the control register. The multiplexer has guaranteed break-before-make operation.
24
REF OUT/REF IN
Voltage Reference Output/Input. The part can be used with either its own internal reference or with an external
reference source. The on-chip 2.5 V reference voltage is provided at this pin. When using this internal reference
as the reference source for the part, REF OUT should decoupled to AGND with a 0.1 μF disc ceramic capacitor.
The output impedance of this reference source is typically 2 kΩ. When using an external reference source as
the reference voltage for the part, the reference source should be connected to this pin. This overdrives the
internal reference and provides the reference source for the part. The REF IN input is buffered on-chip. The
nominal reference voltage for correct operation of the AD7890 is 2.5 V.


Podobny numer części - AD7890BN-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7890BN-4 AD-AD7890BN-4 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
More results

Podobny opis - AD7890BN-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
logo
List of Unclassifed Man...
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
logo
Analog Devices
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
[Old version datasheet]   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com