Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7890AR-4REEL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7890AR-4REEL
Szczegółowy opis  8-Channel, 12-Bit Serial Data Acquisition System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7890AR-4REEL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7890AR-4REEL Datasheet HTML 4Page - Analog Devices AD7890AR-4REEL Datasheet HTML 5Page - Analog Devices AD7890AR-4REEL Datasheet HTML 6Page - Analog Devices AD7890AR-4REEL Datasheet HTML 7Page - Analog Devices AD7890AR-4REEL Datasheet HTML 8Page - Analog Devices AD7890AR-4REEL Datasheet HTML 9Page - Analog Devices AD7890AR-4REEL Datasheet HTML 10Page - Analog Devices AD7890AR-4REEL Datasheet HTML 11Page - Analog Devices AD7890AR-4REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD7890
Rev. C | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
REF OUT/REF IN
CONVST
TFS
RFS
DATA OUT
DATA IN
VDD
VIN8
VIN7
VIN6
VIN5
VIN4
VIN3
VIN2
VIN1
AD7890
TOP VIEW
(Not to Scale)
AGND
AGND
SHA IN
MUX OUT
DGND
CLK IN
SCLK
CEXT
SMODE
Figure 3. Pin Configuration
Table 2. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AGND
Analog Ground. Ground reference for track/hold, comparator, and DAC.
2
SMODE
Control Input. Determines whether the part operates in its external clocking (slave) or self-clocking (master)
serial mode. With SMODE at a logic low, the part is in its self-clocking serial mode with RFS and SCLK as
outputs. This self-clocking mode is useful for connection to shift registers or to serial ports of DSP processors.
With SMODE at a logic high, the part is in its external clocking serial mode with SCLK and RFS as inputs. This
external clocking mode is useful for connection to the serial port of microcontrollers, such as the 8xC51 and
the 68HCxx, and for connection to the serial ports of DSP processors.
3
DGND
Digital Ground. Ground reference for digital circuitry.
4
CEXT
External Capacitor. An external capacitor is connected to this pin to determine the length of the internal pulse
(see the Control Register section). Larger capacitances on this pin extend the pulse to allow for settling time
delays through an external antialiasing filter or signal conditioning circuitry.
5
CONVST
Convert Start. Edge-triggered logic input. A low-to-high transition on this input puts the track/hold into hold
and initiates conversion if the internal pulse has timed out (see the Control Register section). If the internal
pulse is active when the CONVST goes high, the track/hold does not proceed to hold until the pulse times out.
If the internal pulse times out when CONVST goes high, the rising edge of CONVST drives the track/hold into
hold and initiates conversion.
6
CLK IN
Clock Input. An external TTL-compatible clock is applied to this input pin to provide the clock source for the
conversion sequence. In the self-clocking serial mode, the SCLK output is derived from this CLK IN pin.
7
SCLK
Serial Clock Input. In the external clocking (slave) mode (see the Serial Interface section), this is an externally
applied serial clock used to load serial data to the control register and to access data from the output register.
In the self-clocking (master) mode, the internal serial clock, which is derived from the clock input (CLK IN),
appears on this pin. Once again, it is used to load serial data to the control register and to access data from the
output register.
8
TFS
Transmit Frame Synchronization Pulse. Active low logic input with serial data expected after the falling edge of
this signal.
9
RFS
Receive Frame Synchronization Pulse. In the external clocking mode, this pin is an active low logic input with
RFS provided externally as a strobe or framing pulse to access serial data from the output register. In the self-
clocking mode, it is an active low output, which is internally generated and provides a strobe or framing pulse
for serial data from the output register. For applications which require that data be transmitted and received at
the same time, RFS and TFS should be connected together.
10
DATA OUT
Serial Data Output. Sixteen bits of serial data are provided with one leading zero, preceding the three address
bits of the control register and the 12 bits of conversion data. Serial data is valid on the falling edge of SCLK for
sixteen edges after RFS goes low. Output coding from the ADC is twos complement for the AD7890-10 and
straight binary for the AD7890-4 and AD7890-2.
11
DATA IN
Serial Data Input. Serial data to be loaded to the control register is provided at this input. The first five bits of
serial data are loaded to the control register on the first five falling edges of SCLK after TFS goes low. Serial data
on subsequent SCLK edges is ignored while TFS remains low.
12
VDD
Positive Supply Voltage, 5 V ± 5%.
13
MUX OUT
Multiplexer Output. The output of the multiplexer appears at this pin. The output voltage range from this
output is 0 V to 2.5 V for the nominal analog input range to the selected channel. The output impedance of this
output is nominally 3.5 kΩ. If no external antialiasing filter is required, MUX OUT should be connected to SHA IN.


Podobny numer części - AD7890AR-4REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7890AR-4 AD-AD7890AR-4 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
More results

Podobny opis - AD7890AR-4REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
logo
List of Unclassifed Man...
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
logo
Analog Devices
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
[Old version datasheet]   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com