Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7890BRZ-10REEL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7890BRZ-10REEL
Szczegółowy opis  8-Channel, 12-Bit Serial Data Acquisition System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7890BRZ-10REEL Arkusz danych(HTML) 1 Page - Analog Devices

  AD7890BRZ-10REEL Datasheet HTML 1Page - Analog Devices AD7890BRZ-10REEL Datasheet HTML 2Page - Analog Devices AD7890BRZ-10REEL Datasheet HTML 3Page - Analog Devices AD7890BRZ-10REEL Datasheet HTML 4Page - Analog Devices AD7890BRZ-10REEL Datasheet HTML 5Page - Analog Devices AD7890BRZ-10REEL Datasheet HTML 6Page - Analog Devices AD7890BRZ-10REEL Datasheet HTML 7Page - Analog Devices AD7890BRZ-10REEL Datasheet HTML 8Page - Analog Devices AD7890BRZ-10REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LC2MOS 8-Channel, 12-Bit
Serial Data Acquisition System
AD7890
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Fast 12-bit ADC with 5.9 μs conversion time
Eight single-ended analog input channels
Selection of input ranges:
±10 V for AD7890-10
0 V to 4.096 V for AD7890-4
0 V to 2.5 V for AD7890-2
Allows separate access to multiplexer and ADC
On-chip track/hold amplifier
On-chip reference
High-speed, flexible, serial interface
Single supply, low-power operation (50 mW maximum)
Power-down mode (75 μW typ)
GENERAL DESCRIPTION
The AD7890 is an 8-channel 12-bit data acquisition system. The
part contains an input multiplexer, an on-chip track/hold
amplifier, a high speed 12-bit ADC, a 2.5 V reference, and a
high speed, serial interface. The part operates from a single 5 V
supply and accepts an analog input range of ±10 V (AD7890-10),
0 V to 4.096 V (AD7890-4), and 0 V to 2.5 V (AD7890-2).
The multiplexer on the part is independently accessible. This
allows the user to insert an antialiasing filter or signal
conditioning, if required, between the multiplexer and the
ADC. This means that one antialiasing filter can be used for all
eight channels. Connection of an external capacitor allows the
user to adjust the time given to the multiplexer settling to
include any external delays in the filter or signal conditioning
circuitry.
Output data from the AD7890 is provided via a high speed
bidirectional serial interface port. The part contains an on-chip
control register, allowing control of channel selection,
conversion start, and power-down via the serial port. Versatile,
high speed logic ensures easy interfacing to serial ports on
microcontrollers and digital signal processors.
In addition to the traditional dc accuracy specifications such as
linearity, full-scale, and offset errors, the AD7890 is also
specified for dynamic performance parameters including
harmonic distortion and signal-to-noise ratio.
FUNCTIONAL BLOCK DIAGRAM
TRACK/HOLD
2kΩ
AD7890
CEXT
CONVST
MUX
OUT
SHA
IN
REF OUT/
REF IN
AGND AGND DGND
SCLK TFS RFS DATA
OUT
DATA
IN
SMODE
VIN1
VDD
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
1NO SCALING ON AD7890-2
CLOCK
OUTPUT/CONTROL REGISTER
12-BIT
ADC
MUX
2.5V
REFERENCE
SIGNAL
SCALING1
SIGNAL
SCALING1
SIGNAL
SCALING1
SIGNAL
SCALING1
SIGNAL
SCALING1
SIGNAL
SCALING1
SIGNAL
SCALING1
SIGNAL
SCALING1
CLK
IN
Figure 1.
Power dissipation in normal mode is low at 30 mW typical and the
part can be placed in a standby (power-down) mode if it is not
required to perform conversions. The AD7890 is fabricated in
Analog Devices, Inc.’s Linear Compatible CMOS (LC2MOS)
process, a mixed technology process that combines precision
bipolar circuits with low power CMOS logic. The part is available
in a 24-lead, 0.3" wide, plastic or ceramic dual-in-line package or in
a 24-lead small outline package (SOIC_W).
PRODUCT HIGHLIGHTS
1.
Complete 12-Bit Data Acquisition System-on-a-Chip.
The AD7890 is a complete monolithic ADC combining an
8-channel multiplexer, 12-bit ADC, 2.5 V reference, and a
track/hold amplifier on a single chip.
2.
Separate Access to Multiplexer and ADC.
The AD7890 provides access to the output of the
multiplexer allowing one antialiasing filter for 8 channels—
a considerable savings over the 8 antialiasing filters required if
the multiplexer is internally connected to the ADC.
3.
High Speed Serial Interface.
The part provides a high speed serial interface for easy
connection to serial ports of microcontrollers and DSP
processors.


Podobny numer części - AD7890BRZ-10REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7890BR-10 AD-AD7890BR-10 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890BR-2 AD-AD7890BR-2 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890BR-4 AD-AD7890BR-4 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
More results

Podobny opis - AD7890BRZ-10REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
logo
List of Unclassifed Man...
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
logo
Analog Devices
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
[Old version datasheet]   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com