Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1759 Arkusz danych(PDF) 1 Page - Rohm

Numer części 2SD1759
Szczegółowy opis  Power transistor (40V, 2A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SD1759 Arkusz danych(HTML) 1 Page - Rohm

  2SD1759 Datasheet HTML 1Page - Rohm 2SD1759 Datasheet HTML 2Page - Rohm 2SD1759 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SD1759 / 2SD1861
Transistors
Rev.A
1/2
Power transistor (40V, 2A)
2SD1759 / 2SD1861
Features
1) Darlington connection for high DC current gain.
2) Built-in 4k
Ω resistor between base and emitter.
3) Complements the 2SB1183 / 2SB1239.
Equivalent circuit
RBE
4k
C
B
E
: Collector
: Base
: Emitter
C
B
E
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCER
VEBO
IC
PC
Tj
Tstg
Limits
40
40
5
2
1
150
−55 to +150
Unit
V
V(RBE
=10kΩ)
V
A(DC)
W
1
W(TC
=25°C)
10
2SD1861
2SD1759
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
∗ Printed circuit board 1.7mm thick, collector plating 1cm2 or larger.
Packaging specifications and hFE
Type
2SD1759
CPT3
1k to 200k
TL
2500
2SD1861
ATV
1k to
TV2
2500
Package
hFE
Code
Basic ordering unit (pieces)
External dimensions (Unit : mm)
(1) Base
(2) Collector
(3) Emitter
9.5
2.5
0.8Min.
1.5
C0.5
0.9
1.5
5.5
(1) Emitter
(2) Collector
(3) Base
0.45
1.05
Taping specifications
0.5
(1)
0.65Max.
2.54
(2)
2.54
(3)
6.8
2.5
2SD1759
ROHM : CPT3
EIAJ : SC-63
2SD1861
ROHM : ATV
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCER
BVEBO
ICBO
IEBO
VCE(sat)
Cob
40
40
5
1000
0.8
11
1
1
1.5
20000
V
V
V
µA
µA
V
pF
IC
=50µA
IC
=1mA , RBE=10kΩ
IE
=50µA
VCB
=24V
VEB
=4V
IC/IB
=0.6A/1.2mA
VCE/IC
=3V/0.5A
hFE
2SD1759
2SD1861
1000
−−
VCB
=10V , IE=0A , f=1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
fT
150
MHz
VCE
=6V , IE= −0.1A , f=100MHz
Transition frequency
Collector-emitter saturation voltage
DC current
transfer ratio
Output capacitance


Podobny numer części - 2SD1759

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD1750 PANASONIC-2SD1750 Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington
2SD1750A PANASONIC-2SD1750A Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Rohm
2SD1752 ROHM-2SD1752 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results

Podobny opis - 2SD1759

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
2SD1766 SECOS-2SD1766 Datasheet
248Kb / 2P
   2A, 40V NPN Epitaxial Planar Transistor
logo
Diodes Incorporated
AL8821 DIODES-AL8821 Datasheet
392Kb / 14P
   40V, 2A BOOST LED DRIVER
logo
Shindengen Electric Mfg...
D2S4M SHINDENGEN-D2S4M Datasheet
587Kb / 11P
   Schottky Rectifiers (SBD) (40V 2A)
logo
SeCoS Halbleitertechnol...
SK240LFL SECOS-SK240LFL Datasheet
295Kb / 2P
   40V, 2A Schottky Barrier Rectifiers
logo
PFC Device Inc.
P2V40A PFC-P2V40A Datasheet
693Kb / 5P
   2A 40V MOS Schottky Rectifier
logo
Infineon Technologies A...
BSC010N04LSC INFINEON-BSC010N04LSC Datasheet
1Mb / 12P
   OptiMOSTM5 Power-Transistor, 40V
Rev.2.3,2020-04-16
logo
Rohm
2SD1857 ROHM-2SD1857_09 Datasheet
164Kb / 3P
   Power Transistor (120V, 2A)
2SD2195 ROHM-2SD2195 Datasheet
81Kb / 4P
   Power Transistor (100V , 2A)
2SB1427 ROHM-2SB1427 Datasheet
61Kb / 2P
   Power transistor (-20V, -2A)
2SD1980 ROHM-2SD1980_09 Datasheet
164Kb / 3P
   Power Transistor (100V, 2A)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com