Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7046 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7046
Szczegółowy opis  12-Bit, 3-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7046 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS7046 Datasheet HTML 2Page - Texas Instruments ADS7046 Datasheet HTML 3Page - Texas Instruments ADS7046 Datasheet HTML 4Page - Texas Instruments ADS7046 Datasheet HTML 5Page - Texas Instruments ADS7046 Datasheet HTML 6Page - Texas Instruments ADS7046 Datasheet HTML 7Page - Texas Instruments ADS7046 Datasheet HTML 8Page - Texas Instruments ADS7046 Datasheet HTML 9Page - Texas Instruments ADS7046 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
ADS7046
SBAS785 – DECEMBER 2016
www.ti.com
Product Folder Links: ADS7046
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at AVDD = 3.3 V, DVDD = 1.65 V to 3.6 V, fsample = 3 MSPS, and VAINM = 0 V (unless otherwise noted); minimum and
maximum values for TA = –40°C to +125°C; typical values at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(7)
Digital voltage levels comply with the JESD8-7A standard for DVDD from 1.65 V to 1.95 V; see the Parameter Measurement Information
section for details.
(8)
See the Estimating Digital Power Consumption section for details.
DIGITAL INPUT/OUTPUT (CMOS Logic Family)
VIH
High-level input
voltage(7)
0.65 DVDD
DVDD + 0.3
V
VIL
Low-level input
voltage(7)
–0.3
0.35 DVDD
V
VOH
High-level output
voltage(7)
At Isource = 500 µA
0.8 DVDD
DVDD
V
At Isource = 2 mA
DVDD – 0.45
DVDD
VOL
Low-level output
voltage(7)
At Isink = 500 µA
0
0.2 DVDD
V
At Isink = 2 mA
0
0.45
POWER-SUPPLY REQUIREMENTS
AVDD
Analog supply voltage
2.35
3
3.6
V
DVDD
Digital I/O supply
voltage
1.65
3
3.6
V
IAVDD
Analog supply current
AVDD = 3.3 V, fSAMPLE = 3 MSPS
1150
1300
µA
AVDD = 3.3 V, fSAMPLE = 100 kSPS
36
45
AVDD = 3.3 V, fSAMPLE = 10 kSPS
5
AVDD = 2.5 V, fSAMPLE = 3 MSPS
800
Static current with CS and SCLK high
0.02
IDVDD
Digital supply current
DVDD = 1.8 V, CSDO = 20 pF,
output code = AAAh(8)
650
µA
DVDD = 1.8 V, static current with CS and
SCLK high
0.01


Podobny numer części - ADS7046

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7040IDCUR TI1-ADS7040IDCUR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IDCUT TI1-ADS7040IDCUT Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IRUGR TI1-ADS7040IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
More results

Podobny opis - ADS7046

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com