Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7052 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7052
Szczegółowy opis  14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7052 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS7052 Datasheet HTML 1Page - Texas Instruments ADS7052 Datasheet HTML 2Page - Texas Instruments ADS7052 Datasheet HTML 3Page - Texas Instruments ADS7052 Datasheet HTML 4Page - Texas Instruments ADS7052 Datasheet HTML 5Page - Texas Instruments ADS7052 Datasheet HTML 6Page - Texas Instruments ADS7052 Datasheet HTML 7Page - Texas Instruments ADS7052 Datasheet HTML 8Page - Texas Instruments ADS7052 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
ADS7052
www.ti.com
SBAS858 – DECEMBER 2017
Product Folder Links: ADS7052
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Ideal input span; does not include gain or offset error.
(2)
See Figure 31, Figure 29, and Figure 30 for statistical distribution data for INL, offset error, and gain error.
(3)
LSB means least significant bit.
(4)
See the OFFCAL State section for details.
(5)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with an input signal 0.5 dB below full-scale,
unless otherwise noted.
(6)
Calculated on the first nine harmonics of the input frequency.
6.5 Electrical Characteristics
at AVDD = 3.3 V, DVDD = 1.65 V to 3.6 V, fsample = 1 MSPS, and VAINM = 0 V (unless otherwise noted); minimum and
maximum values for TA = –40°C to +125°C; typical values at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage
span(1)
0
AVDD
V
Absolute input voltage
range
AINP to GND
–0.1
AVDD + 0.1
V
AINM to GND
–0.1
0.1
CS
Sampling capacitance
16
pF
SYSTEM PERFORMANCE
Resolution
14
Bits
NMC
No missing codes
14
Bits
INL(2)
Integral nonlinearity
–3.75
±2
3.75
LSB(3)
DNL
Differential nonlinearity
–0.99
±0.5
1
LSB
EO
(2)
Offset error
After calibration(4)
–6
±1
6
LSB
dVOS/dT
Offset error drift with
temperature
1.75
ppm/°C
EG
(2)
Gain error
–0.1
±0.01
0.1
%FS
Gain error drift with
temperature
0.5
ppm/°C
SAMPLING DYNAMICS
tCONV
Conversion time
18 × tSCLK
ns
tACQ
Acquisition time
230
ns
fSAMPLE
Maximum throughput
rate
24-MHz SCLK, AVDD = 1.65 V to 3.6 V
1
MHz
Aperture delay
3
ns
Aperture jitter, RMS
12
ps
DYNAMIC CHARACTERISTICS
SNR
Signal-to-noise ratio(5)
AVDD = 3.3 V, fIN = 2 kHz
71.5
74.9
dB
AVDD = 2.5 V, fIN = 2 kHz
73.7
THD
Total harmonic
distortion(5)(6)
fIN = 2 kHz
–92
dB
fIN = 100 kHz
–90
fIN = 200 kHz
–87
SINAD
Signal-to-noise and
distortion(5)
fIN = 2 kHz
71.5
74.8
dB
fIN = 100 kHz
74.7
fIN = 200 kHz
74.5
SFDR
Spurious-free dynamic
range(5)
fIN = 2 kHz
89.8
dB
fIN = 100 kHz
91
fIN = 200 kHz
87
BW(fp)
Full-power bandwidth
At –3 dB
200
MHz


Podobny numer części - ADS7052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7054IRUGR TI1-ADS7054IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7056IRUGR TI1-ADS7056IRUGR Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
More results

Podobny opis - ADS7052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7046 TI1-ADS7046 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit, 3-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
logo
Microchip Technology
MCP33151-XX MICROCHIP-MCP33151-XX Datasheet
2Mb / 55P
   1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC
Revision A June 2019
MCP33131 MICROCHIP-MCP33131 Datasheet
2Mb / 54P
   1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
10/25/17
logo
Texas Instruments
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com