Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7054IRUGR Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7054IRUGR
Szczegółowy opis  14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7054IRUGR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS7054IRUGR Datasheet HTML 3Page - Texas Instruments ADS7054IRUGR Datasheet HTML 4Page - Texas Instruments ADS7054IRUGR Datasheet HTML 5Page - Texas Instruments ADS7054IRUGR Datasheet HTML 6Page - Texas Instruments ADS7054IRUGR Datasheet HTML 7Page - Texas Instruments ADS7054IRUGR Datasheet HTML 8Page - Texas Instruments ADS7054IRUGR Datasheet HTML 9Page - Texas Instruments ADS7054IRUGR Datasheet HTML 10Page - Texas Instruments ADS7054IRUGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
ADS7054
www.ti.com
SBAS859 – DECEMBER 2017
Product Folder Links: ADS7054
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Timing Requirements
all specifications are at AVDD = 1.65 V to 3.6 V, DVDD = 1.65 V to 3.6 V, and CLOAD-SDO = 20 pF (unless otherwise noted);
minimum and maximum values for TA = –40°C to +125°C; typical values at TA = 25°C
MIN
TYP
MAX
UNIT
tCLK
Time period of SCLK
41.66
ns
tsu_CSCK
Setup time: CS falling edge to SCLK falling edge
7
ns
tht_CKCS
Hold time: SCLK rising edge to CS rising edge
8
ns
tph_CK
SCLK high time
0.45
0.55
tSCLK
tpl_CK
SCLK low time
0.45
0.55
tSCLK
tph_CS
CS high time
15
ns
(1)
tCYCLE = 1 / fSAMPLE.
6.7 Switching Characteristics
all specifications are at AVDD = 1.65 V to 3.6 V, DVDD = 1.65 V to 3.6 V, and CLOAD-SDO = 20 pF (unless otherwise noted);
minimum and maximum values for TA = –40°C to +125°C; typical values at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tCYCLE
(1)
Cycle time
1000
ns
tCONV
Conversion time
18 × tSCLK
ns
tden_CSDO
Delay time: CS falling edge to data enable
6.5
ns
td_CKDO
Delay time: SCLK rising edge to (next) data
valid on SDO
10
ns
tht_CKDO
SCLK rising edge to current data invalid
2.5
ns
tdz_CSDO
Delay time: CS rising edge to SDO going to
tri-state
5.5
ns


Podobny numer części - ADS7054IRUGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7052IRUGR TI1-ADS7052IRUGR Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7056IRUGR TI1-ADS7056IRUGR Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
More results

Podobny opis - ADS7054IRUGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
logo
Microchip Technology
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
   1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7039-Q1 TI1-ADS7039-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com