Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G57GV Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LVC1G57GV
Szczegółowy opis  Low-power configurable multiple function gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G57GV Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LVC1G57GV Datasheet HTML 1Page - NXP Semiconductors 74LVC1G57GV Datasheet HTML 2Page - NXP Semiconductors 74LVC1G57GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G57GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G57GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G57GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G57GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G57GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G57GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
9397 750 13722
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 6 September 2004
5 of 18
Philips Semiconductors
74LVC1G57
Low-power configurable multiple function gate
9.
Limiting values
Fig 6.
2-input NAND gate with input C
inverted or 2-input OR gate with
inverted A input.
Fig 7.
2-input NOR gate or 2-input AND
gate with both inputs inverted.
Fig 8.
2-input XNOR gate.
Fig 9.
Inverter.
Fig 10. Buffer.
001aab586
A
A
6
Y
C
1
5
2
4
3Y
Y
C
A
C
VCC
001aab587
A
6C
1
5
2
4
3Y
VCC
A
Y
C
Y
A
C
001aab588
B6
C
1
5
2
4
3Y
VCC
Y
B
C
001aab589
A
A
6
Y
1
5
2
4
3Y
VCC
001aab590
B
B6
Y
1
5
2
4
3Y
VCC
Table 7:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
IIK
input diode current
VI <0V
-
−50
mA
VI
input voltage
[1]
−0.5
+6.5
V
IOK
output diode current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
active mode
[1] [2]
−0.5
+6.5
V
Power-down mode
[1] [2]
−0.5
+6.5
V
IO
output source or sink
current
VO =0Vto VCC
-
±50
mA


Podobny numer części - 74LVC1G57GV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G57GV NXP-74LVC1G57GV Datasheet
103Kb / 17P
   Low-power configurable multiple function gate
Rev. 03-19 July 2007
logo
Nexperia B.V. All right...
74LVC1G57GV NEXPERIA-74LVC1G57GV Datasheet
269Kb / 18P
   Low-power configurable multiple function gate
Rev. 10 - 1 February 2022
74LVC1G57GV-Q100 NEXPERIA-74LVC1G57GV-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
More results

Podobny opis - 74LVC1G57GV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com