Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8221BR Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD8221BR
Szczegółowy opis  Precision Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8221BR Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD8221BR Datasheet HTML 6Page - Analog Devices AD8221BR Datasheet HTML 7Page - Analog Devices AD8221BR Datasheet HTML 8Page - Analog Devices AD8221BR Datasheet HTML 9Page - Analog Devices AD8221BR Datasheet HTML 10Page - Analog Devices AD8221BR Datasheet HTML 11Page - Analog Devices AD8221BR Datasheet HTML 12Page - Analog Devices AD8221BR Datasheet HTML 13Page - Analog Devices AD8221BR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8221
Rev. A | Page 10 of 20
1s/DIV
2
µV/DIV
Figure 27. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1)
1s/DIV
0.1
µV/DIV
Figure 28. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1000)
10
100
1k
FREQUENCY (Hz)
10
1
100
1k
10k
Figure 29. Current Noise Spectral Density vs. Frequency
1s/DIV
5pA/DIV
Figure 30. 0.1 Hz to 10 Hz Current Noise
0
5
10
15
20
25
30
FREQUENCY (Hz)
1k
100k
10k
1M
GAIN = 1
GAIN = 10, 100, 1000
VS = ±15V
Figure 31. Large Signal Frequency Response
20
µs/DIV
10mV/DIV
7.9
µs TO 0.01%
8.5
µs TO 0.001%
5V/DIV
Figure 32. Large Signal Pulse Response and Settling Time (G = 1), 0.002%/div


Podobny numer części - AD8221BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8221BR AD-AD8221BR Datasheet
708Kb / 24P
   Precision Instrumentation Amplifier
REV. B
AD8221BR AD-AD8221BR Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD8221BR AD-AD8221BR Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
AD8221BR-REEL AD-AD8221BR-REEL Datasheet
708Kb / 24P
   Precision Instrumentation Amplifier
REV. B
AD8221BR-REEL AD-AD8221BR-REEL Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
More results

Podobny opis - AD8221BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com