Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVX3L384WM Arkusz danych(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 74LVX3L384WM
Szczegółowy opis  10-Bit Low Power Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVX3L384WM Arkusz danych(HTML) 2 Page - National Semiconductor (TI)

  74LVX3L384WM Datasheet HTML 1Page - National Semiconductor (TI) 74LVX3L384WM Datasheet HTML 2Page - National Semiconductor (TI) 74LVX3L384WM Datasheet HTML 3Page - National Semiconductor (TI) 74LVX3L384WM Datasheet HTML 4Page - National Semiconductor (TI) 74LVX3L384WM Datasheet HTML 5Page - National Semiconductor (TI) 74LVX3L384WM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Switch Voltage (VS)
b
05 to a70V
DC Input Input Voltage (VI) (Note 2)
b
05 to a70V
DC Input Diode Current with (VI k 0)
b
20 mA
DC Output (IO) Sink Current
120 mA
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation
05W
Note 1
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Note 2
The input and output negative voltage ratings may
be exceeded if the input and output diode current ratings
are observed
Recommended Operating
Conditions
Supply Voltage (VCC)
40V to 55V
Free Air Operating Temperature (TA)
b
40 Cto a85 C
DC Electrical Characteristics
Symbol
Parameter
VCC
(V)
74LVX3L384
Units
Conditions
TA eb40 Cto a85 C
Min
Typ
Max
(Note 5)
VIK
Maximum Clamp
475
b
12
V
IIN eb18 mA
Diode Voltage
VIH
Minimum High
475 – 525
20
V
Level Input Voltage
VIL
Maximum Low
475 – 525
08
Level Input Voltage
IIN
Maximum Input
0
10
m
A
0 s VIN s 525V
Leakage Current
525
g
1
IOZ
Maximum TRI-STATE
525
g
10
m
A
0 s A B s VCC
IO Leakage
IOS
Short Circuit Current
475
100
mA
VI(A) VI(B) e 0V
VI(B) VI(A) e 475V
RON
Switch On
475
57
X
VI e 0V ION e 30 mA
Resistance (Note 3)
10
15
X
VI e 24V ION e 15 mA
ICC
Maximum Quiescent
525
02
10
m
A
VI e VCC GND
Supply Current
IO e 0
D
ICC
Increase in ICC
525
25
mA
VIN e 315V IO e 0
per Input (Note 4)
Per Control Input
Note 3
Measured by voltage drop between A and B pin at indicated current through the switch On resistance is determined by the lower of the voltages on the two
(A or B) pins
Note 4
Per TTL driven Input (VIN e 315V control inputs only) A and B pins do not contribute to ICC
Note 5
All typical values are at VCC e 50V TA e 25 C
http
www nationalcom
2


Podobny numer części - 74LVX3L384WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
74LVX3L383MTC NSC-74LVX3L383MTC Datasheet
113Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
74LVX3L383MTCX NSC-74LVX3L383MTCX Datasheet
113Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
74LVX3L383QSC NSC-74LVX3L383QSC Datasheet
113Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
74LVX3L383QSCX NSC-74LVX3L383QSCX Datasheet
113Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
More results

Podobny opis - 74LVX3L384WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54LVX3384 NSC-54LVX3384 Datasheet
96Kb / 6P
   10-Bit Low Power Bus Switch
logo
Fairchild Semiconductor
FST3384 FAIRCHILD-FST3384 Datasheet
99Kb / 5P
   10-Bit Low Power Bus Switch
logo
ON Semiconductor
74FST3384 ONSEMI-74FST3384 Datasheet
90Kb / 8P
   10-Bit Low Power Bus Switch
May, 2002 ??Rev. 4
logo
National Semiconductor ...
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
   10-Bit Low Power Bus-Exchange Switch
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3861 IDT-IDT74CBTLV3861_12 Datasheet
228Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3384 RENESAS-74CBTLV3384 Datasheet
265Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384 Datasheet
64Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com