Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC8801IDGKR Arkusz danych(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części DAC8801IDGKR
Szczegółowy opis  14-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8801IDGKR Arkusz danych(HTML) 1 Page - Burr-Brown (TI)

  DAC8801IDGKR Datasheet HTML 1Page - Burr-Brown (TI) DAC8801IDGKR Datasheet HTML 2Page - Burr-Brown (TI) DAC8801IDGKR Datasheet HTML 3Page - Burr-Brown (TI) DAC8801IDGKR Datasheet HTML 4Page - Burr-Brown (TI) DAC8801IDGKR Datasheet HTML 5Page - Burr-Brown (TI) DAC8801IDGKR Datasheet HTML 6Page - Burr-Brown (TI) DAC8801IDGKR Datasheet HTML 7Page - Burr-Brown (TI) DAC8801IDGKR Datasheet HTML 8Page - Burr-Brown (TI) DAC8801IDGKR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
D/A
Converter
DAC
Register
Shift
Register
14
14
RFB
IOUT
GND
VDD
VREF
CS
CLK
SDI
DAC8801
DAC8801
SLAS403A – NOVEMBER 2004 – REVISED DECEMBER 2004
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
14-Bit Monotonic
The DAC8801 multiplying digital-to-analog converter
is designed to operate from a single 2.7-V to 5.5-V
±1 LSB INL
supply.
±0.5 LSB DNL
The applied external reference input voltage VREF
Low Noise: 12 nV/
√Hz
determines the full-scale output current. An internal
Low Power: IDD = 2 µA
feedback resistor (RFB) provides temperature tracking
+2.7 V to +5.5 V Analog Power Supply
for the full-scale output when combined with an
external I-to-V precision amplifier.
2 mA Full-Scale Current
±20%
with VREF = 10 V
A serial-data interface offers high-speed, three-wire
0.5 µs Settling Time
microcontroller compatible inputs using data-in (SDI),
clock (CLK), and chip select (CS).
4-Quadrant Multiplying Reference-Input
Reference Bandwidth: 10 MHz
The DAC8801 is packaged in space-saving 8-lead
SON and MSOP packages.
±10 V Reference Input
Reference Dynamics: -105 THD
3-Wire 50-MHz Serial Interface
Tiny 8-Lead 3 x 3 mm SON and 3 x 5 mm
MSOP Packages
Industry-Standard Pin Configuration
Automatic Test Equipment
Instrumentation
Digitally Controlled Calibration
Industrial Control PLCs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - DAC8801IDGKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8801IDGKR TI1-DAC8801IDGKR Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Podobny opis - DAC8801IDGKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com