Zakładka z wyszukiwarką danych komponentów |
|
CAT24WC257PTE13 Arkusz danych(PDF) 4 Page - Catalyst Semiconductor |
|
CAT24WC257PTE13 Arkusz danych(HTML) 4 Page - Catalyst Semiconductor |
4 / 10 page CAT24WC257 4 Doc. No. 1030, Rev. E FUNCTIONAL DESCRIPTION The CAT24WC257 supports the I2C Bus data transmis- sion protocol. This Inter-Integrated Circuit Bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a re- ceiver. The transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. The CAT24WC257 operates as a Slave device. Both the Master device and Slave device can operate as either transmitter or re- ceiver, but the Master device controls which mode is activated. PIN DESCRIPTIONS SCL: Serial Clock The serial clock input clocks all data transferred into or out of the device. SDA: Serial Data/Address The bidirectional serial data/address pin is used to transfer all data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs. WP: Write Protect This input, when tied to GND, allows write operations to the entire memory. When this pin is tied to Vcc, the top 1/4 array of memory (locations 6000H to 7FFFH) is write protected. When left floating, memory is unprotected. Figure 3. Start/Stop Timing Figure 2. Write Cycle Timing Figure 1. Bus Timing A0, A1: Device Address Inputs These pins are hardwired or left connected. When hardwired, up to four CAT24WC257's may be addressed on a single bus system. When the pins are left uncon- nected, the default values are zero. tHIGH SCL SDA IN SDA OUT tLOW tF tLOW tR tBUF tSU:STO tSU:DAT tHD:DAT tHD:STA tSU:STA tAA tDH START BIT SDA STOP BIT SCL tWR STOP CONDITION START CONDITION ADDRESS ACK 8TH BIT BYTE n SCL SDA |
Podobny numer części - CAT24WC257PTE13 |
|
Podobny opis - CAT24WC257PTE13 |