Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CC1312R Arkusz danych(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Numer części CC1312R
Szczegółowy opis  SimpleLink High-Performance Sub-1 GHz Wireless MCU
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312R Arkusz danych(HTML) 17 Page - Texas Instruments

Back Button CC1312R Datasheet HTML 13Page - Texas Instruments CC1312R Datasheet HTML 14Page - Texas Instruments CC1312R Datasheet HTML 15Page - Texas Instruments CC1312R Datasheet HTML 16Page - Texas Instruments CC1312R Datasheet HTML 17Page - Texas Instruments CC1312R Datasheet HTML 18Page - Texas Instruments CC1312R Datasheet HTML 19Page - Texas Instruments CC1312R Datasheet HTML 20Page - Texas Instruments CC1312R Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
0
SSIClk
SSIFss
SSITx
SSIRx
MSB
LSB
MSB
LSB
S2
S3
S1
8-bit control
4 to 16 bits output data
SSIClk
SSIFss
SSITx
SSIRx
MSB
LSB
S2
S3
S1
4 to 16 bits
17
CC1312R
www.ti.com
SWRS210 – JANUARY 2018
Submit Documentation Feedback
Product Folder Links: CC1312R
Specifications
Copyright © 2018, Texas Instruments Incorporated
5.12.2 Synchronous Serial Interface (SSI) Characteristics
(1)
Refer to SSI timing diagrams Figure 5-1, Figure 5-2, and Figure 5-3.
Table 5-8. Synchronous Serial Interface (SSI) Characteristics
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
NO.
PARAMETER
MIN
TYP
MAX
UNIT
S1
tclk_per
SSIClk cycle time
12
65024
system clocks
S2(1)
tclk_high
SSIClk high time
0.5
tclk_per
S3(1)
tclk_low
SSIClk low time
0.5
tclk_per
Figure 5-1. SSI Timing for TI Frame Format (FRF = 01), Single Transfer Timing Measurement
Figure 5-2. SSI Timing for MICROWIRE Frame Format (FRF = 10), Single Transfer


Podobny numer części - CC1312R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CC1312R TI-CC1312R Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC1312R TI-CC1312R Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC1312R TI-CC1312R Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC1312R TI-CC1312R Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC1312R TI-CC1312R Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Podobny opis - CC1312R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CC1312R7 TI-CC1312R7 Datasheet
3Mb / 58P
[Old version datasheet]   CC1312R7 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2021
CC1311R3 TI-CC1311R3 Datasheet
2Mb / 64P
[Old version datasheet]   CC1311R3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
MARCH 2022
CC1314R10 TI-CC1314R10 Datasheet
3Mb / 78P
[Old version datasheet]   CC1314R10 SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI1-CC1310_16 Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1311P3 TI-CC1311P3 Datasheet
3Mb / 63P
[Old version datasheet]   CC1311P3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2674R10 TI1-CC2674R10 Datasheet
3Mb / 69P
[Old version datasheet]   CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI-CC1310_15 Datasheet
662Kb / 46P
[Old version datasheet]   CC1310 SimpleLink Ultra-Low Power Sub-1 GHz Wireless MCU
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink High-Performance Dual-Band Wireless MCU
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
[Old version datasheet]   SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
[Old version datasheet]   CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com