Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CC1312R Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części CC1312R
Szczegółowy opis  SimpleLink High-Performance Sub-1 GHz Wireless MCU
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312R Arkusz danych(HTML) 2 Page - Texas Instruments

  CC1312R Datasheet HTML 1Page - Texas Instruments CC1312R Datasheet HTML 2Page - Texas Instruments CC1312R Datasheet HTML 3Page - Texas Instruments CC1312R Datasheet HTML 4Page - Texas Instruments CC1312R Datasheet HTML 5Page - Texas Instruments CC1312R Datasheet HTML 6Page - Texas Instruments CC1312R Datasheet HTML 7Page - Texas Instruments CC1312R Datasheet HTML 8Page - Texas Instruments CC1312R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
CC1312R
SWRS210 – JANUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC1312R
Device Overview
Copyright © 2018, Texas Instruments Incorporated
1.2
Applications
(1)
See RF Core for additional details on support protocol
standards, modulation formats, and data rates.
433-, 450 to 470-, 868-, 902 to 928-, and 1090-
MHz
ISM and SRD Systems (1)
With Down to 4 kHz of Receive Bandwidth
Smart Grid and Automatic Meter Reading
Water, Gas, and Electricity Meters
Heat Cost Allocators
Gateways
Wireless Sensor Networks
Long-Range Sensor Applications
Industrial
Asset Tracking and Management
Factory Automation
Remote Display
Wireless Healthcare Applications
Energy Harvesting Applications
Electronic Shelf Label (ESL)
Home and Building Automation
Wireless Alarms and Security Systems
Locks
Lightning Control
Motion Detectors
Connected Appliances
HVAC
Garage Door Openers
(1)
For more information, see Section 9.
1.3
Description
The CC1312R device is a Sub-1 GHz wireless MCU targeting Wireless M-Bus, IEEE 802.15.4g, IPv6-
enabled smart objects (6LoWPAN), Zigbee®, KNX RF, Wi-SUN®, and proprietary systems.
CC1312R is a member of the CC26xx and CC13xx family of cost-effective, ultra-low power, 2.4-GHz and
Sub-1 GHz RF devices. Very low active RF and microcontroller (MCU) current, in addition to sub-μA sleep
current with up to 80KB of RAM retention, provide excellent battery lifetime and allow operation on small
coin-cell batteries and in energy-harvesting applications.
The CC1312R device combines a flexible, very low-power RF transceiver with a powerful 48-MHz Arm®
Cortex®-M4F CPU in a platform supporting multiple physical layers and RF standards. A dedicated Radio
Controller (Arm® Cortex®-M0) handles low-level RF protocol commands that are stored in ROM or RAM,
thus ensuring ultra-low power and great flexibility. The low power consumption of the CC1312R device
does not come at the expense of RF performance; the CC1312R device has excellent sensitivity and
robustness (selectivity and blocking) performance.
The CC1312R device is a highly integrated, true single-chip solution incorporating a complete RF system
and an on-chip DC/DC converter.
Sensors can be handled in a very low-power manner by a programmable, autonomous ultra-low power
Sensor Controller CPU with 4KB of SRAM for program and data. The Sensor Controller, with its fast
wake-up and ultra-low-power 2-MHz mode is designed for sampling, buffering, and processing both
analog and digital sensor data; thus the MCU system can maximize sleep time and reduce active power.
The CC1312R device is part of the SimpleLink™ microcontroller (MCU) platform, which consists of Wi-Fi®,
Bluetooth® low energy, Thread, Zigbee, Sub-1 GHz MCUs, and host MCUs, which all share a common,
easy-to-use development environment with a single core software development kit (SDK) and rich tool set.
A one-time integration of the SimpleLink platform enables you to add any combination of the portfolio’s
devices into your design, allowing 100 percent code reuse when your design requirements change. For
more information, visit ti.com/simplelink.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CC1312R1F3RGZ
VQFN (48)
7.00 mm × 7.00 mm


Podobny numer części - CC1312R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CC1312R TI-CC1312R Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC1312R TI-CC1312R Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC1312R TI-CC1312R Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC1312R TI-CC1312R Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC1312R TI-CC1312R Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Podobny opis - CC1312R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CC1312R7 TI-CC1312R7 Datasheet
3Mb / 58P
[Old version datasheet]   CC1312R7 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2021
CC1311R3 TI-CC1311R3 Datasheet
2Mb / 64P
[Old version datasheet]   CC1311R3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
MARCH 2022
CC1314R10 TI-CC1314R10 Datasheet
3Mb / 78P
[Old version datasheet]   CC1314R10 SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI1-CC1310_16 Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1311P3 TI-CC1311P3 Datasheet
3Mb / 63P
[Old version datasheet]   CC1311P3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2674R10 TI1-CC2674R10 Datasheet
3Mb / 69P
[Old version datasheet]   CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI-CC1310_15 Datasheet
662Kb / 46P
[Old version datasheet]   CC1310 SimpleLink Ultra-Low Power Sub-1 GHz Wireless MCU
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink High-Performance Dual-Band Wireless MCU
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
[Old version datasheet]   SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
[Old version datasheet]   CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com