Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMA8N50H Arkusz danych(PDF) 3 Page - Wuxi Unigroup Microelectronics Company

Numer części TMA8N50H
Szczegółowy opis  500V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WUMC [Wuxi Unigroup Microelectronics Company]
Strona internetowa  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TMA8N50H Arkusz danych(HTML) 3 Page - Wuxi Unigroup Microelectronics Company

  TMA8N50H Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TMA8N50H
www.tsinghuaicwx.com
V3.0
Wuxi Unigroup Microelectronics Company
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
3
Typical Characteristics T
J = 25ºC, unless otherwise noted
0.9
0.95
1
1.05
1.1
1.15
1.2
-50
-25
0
25
50
75
100
125
150
V
GS = 0V ID=250uA
0
0.5
1
1.5
2
2.5
3
-75
-25
25
75
125
V
GS = 10V ID=4A
Figure 3. Drain Current vs. Temperature
Figure 4. BV
DSS Variation vs. Temperature
Figure 1. Output Characteristics (T
J = 25ºC)
Figure 2. Body Diode Forward Voltage
Figure 5. Transfer Characteristics
Figure 6. On-Resistance vs. Temperature
20V
10V
8V
7V
6V
5V
V
DS, Drain-to-Source Voltage (V)
V
SD, Source-to-Drain Voltage (V)
T
C, Case Temperature (A)
T
C, Case Temperature (ºC)
V
GS, Gate-to-Source Voltage (V)
T
J, Junction Temperature (ºC)
0
1
2
3
4
5
6
7
8
9
0
2
4
6
8
10
T
J = 25ºC
T
J = 150ºC
0.2
0.4
0.6
0.8
1
1.2
1.4
T
J = 25ºC
T
J = 150ºC
102
100
10-1
101
0
1
2
3
4
5
6
7
8
9
25
50
75
100
125
150


Podobny numer części - TMA8N50H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
TMA84 SANKEN-TMA84 Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA84I SANKEN-TMA84I Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA84S-L SANKEN-TMA84S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA84S-L SANKEN-TMA84S-L Datasheet
276Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA86 SANKEN-TMA86 Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
More results

Podobny opis - TMA8N50H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com