Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMA10N60H Arkusz danych(PDF) 2 Page - Wuxi Unigroup Microelectronics Company

Numer części TMA10N60H
Szczegółowy opis  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WUMC [Wuxi Unigroup Microelectronics Company]
Strona internetowa  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TMA10N60H Arkusz danych(HTML) 2 Page - Wuxi Unigroup Microelectronics Company

  TMA10N60H Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TMA10N60H Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TMA10N60H Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TMA10N60H Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TMA10N60H Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TMA10N60H Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TMA10N60H Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TMA10N60H
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
V3.0
Specifications T
J = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V
(BR)DSS
V
GS = 0V, ID = 250µA
600
--
--
V
Zero Gate Voltage Drain Current
I
DSS
V
DS = 600V, VGS = 0V, TJ = 25ºC
--
--
1
μA
V
DS = 480V, VGS = 0V, TJ = 125ºC
--
--
100
Gate-Source Leakage
I
GSS
V
GS = ±30V
--
--
±100
nA
Gate-Source Threshold Voltage
V
GS(th)
V
DS = VGS, ID = 250µA
3.0
--
4.0
V
Drain-Source On-Resistance (Note3)
R
DS(on)
V
GS = 10V, ID = 5A
--
0.6
0.72
Dynamic
Input Capacitance
C
iss
V
GS = 0V,
V
DS = 25V,
f = 1.0MHz
--
1264
--
pF
Output Capacitance
C
oss
--
149
--
Reverse Transfer Capacitance
C
rss
--
18
--
Total Gate Charge
Q
g
V
DD = 480V, ID = 10A,
V
GS = 10V
--
35
--
nC
Gate-Source Charge
Q
gs
--
7
--
Gate-Drain Charge
Q
gd
--
18
--
Turn-on Delay Time
t
d(on)
V
DD = 300V, ID =10A,
R
G = 25 Ω
--
23
--
ns
Turn-on Rise Time
t
r
--
15
--
Turn-off Delay Time
t
d(off)
--
90
--
Turn-off Fall Time
t
f
--
30
--
Drain-Source Body Diode Characteristics
Continuous Body Diode Current
I
S
T
C = 25 ºC
--
--
10
A
Pulsed Diode Forward Current
I
SM
--
--
38
Body Diode Voltage
V
SD
T
J = 25ºC, ISD = 10A, VGS = 0V
--
--
1.4
V
Reverse Recovery Time
t
rr
V
GS = 0V,IS = 12A,
di
F/dt =100A /μs
--
320
--
ns
Reverse Recovery Charge
Q
rr
--
4.2
--
μC
Notes
1.
Repetitive Rating: Pulse width limited by maximum junction temperature
2.
I
AS = 7.5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25 ºC
3.
Pulse Test: Pulse width
≤ 300μs, Duty Cycle ≤ 1%
2


Podobny numer części - TMA10N60H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wuxi Unigroup Microelec...
TMA10N65H WUMC-TMA10N65H Datasheet
1Mb / 8P
   650V N-Channel MOSFET
More results

Podobny opis - TMA10N60H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com