Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATWILC1000B-MUT Arkusz danych(PDF) 34 Page - ATMEL Corporation

Numer części ATWILC1000B-MUT
Szczegółowy opis  IEEE 802.11 b/g/n Link Controller SoC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC1000B-MUT Arkusz danych(HTML) 34 Page - ATMEL Corporation

Back Button ATWILC1000B-MUT Datasheet HTML 30Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 31Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 32Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 33Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 34Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 35Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 36Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 37Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 38Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
ATWILC1000B-MUT [DATASHEET]
Atmel-42491B-ATWILC1000B-MUT_Datasheet_03/2016
3
4
34
11
Reflow Profile Information
This section provides guidelines for reflow processes in getting the Atmel module soldere
d to the customer’s
design.
11.1
Storage Condition
11.1.1 Moisture Barrier Bag Before Opened
A moisture barrier bag must be stored in a temperature of less than 30°C with humidity under 85% RH.
The calculated shelf life for the dry-packed product shall be 12 months from the date the bag is sealed.
11.1.2 Moisture Barrier Bag Open
Humidity indicator cards must be blue, <30%.
11.2
Stencil Design
The recommended stencil is laser-cut, stainless-steel type with thickness of 100µm to 130µm and
approximately a 1:1 ratio of stencil opening to pad dimension. To improve paste release, a positive taper with
bottom opening 25µm larger than the top can be utilized. Local manufacturing experience may find other
combinations of stencil thickness and aperture size to get good results.
11.3
Baking Conditions
This module is rated at MSL level 3. After sealed bag is opened, no baking is required within 168 hours so long
as the devices are held at
≤30oC/60% RH or stored at <10% RH.
The module will require baking before mounting if:
The sealed bag has been open for >168 hours
Humidity Indicator Card reads >10%
SIPs need to be baked for 8 hours at 125°C
11.4
Soldering and Reflow Condition
11.4.1 Reflow Oven
It is strongly recommended that a reflow oven equipped with more heating zones and Nitrogen atmosphere be
used for lead-free assembly. Nitrogen atmosphere has shown to improve the wet-ability and reduce
temperature gradient across the board. It can also enhance the appearance of the solder joints by reducing the
effects of oxidation.
The following bullet items should also be observed in the reflow process:
Some recommended pastes include NC-SMQ® 230 flux and Indalloy® 241 solder paste made up of 95.5
Sn/3.8 Ag/0.7 Cu or SENJU N705-GRN3360-K2-V Type 3, no clean paste
Allowable reflow soldering times: 2 times based on the following reflow soldering profile (see Figure 11-
1)
Temperature profile: Reflow soldering shall be done according to the following temperature profile (see
Figure 11-1)
Peak temp: 250°C


Podobny numer części - ATWILC1000B-MUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWILC1000-SD ATMEL-ATWILC1000-SD Datasheet
2Mb / 11P
   Atmel SmartConnect
More results

Podobny opis - ATWILC1000B-MUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
Cypress Semiconductor
BCM43903KUBGT CYPRESS-BCM43903KUBGT Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com