Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATWILC3000 Arkusz danych(PDF) 18 Page - ATMEL Corporation

Numer części ATWILC3000
Szczegółowy opis  Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC3000 Arkusz danych(HTML) 18 Page - ATMEL Corporation

Back Button ATWILC3000 Datasheet HTML 14Page - ATMEL Corporation ATWILC3000 Datasheet HTML 15Page - ATMEL Corporation ATWILC3000 Datasheet HTML 16Page - ATMEL Corporation ATWILC3000 Datasheet HTML 17Page - ATMEL Corporation ATWILC3000 Datasheet HTML 18Page - ATMEL Corporation ATWILC3000 Datasheet HTML 19Page - ATMEL Corporation ATWILC3000 Datasheet HTML 20Page - ATMEL Corporation ATWILC3000 Datasheet HTML 21Page - ATMEL Corporation ATWILC3000 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ATWILC3000 Single Chip IEEE 802.11 b/g/n Link Controller with
Integrated Bluetooth 4.0 [DATASHEET]
Atmel-42390D-ATWILC3000-MUT-SmartConnect-Datasheet_05/2016
1
8
18
Parameter
Description
Min.
Typ.
Max.
Unit
18Mbps OFDM
-86.0
dBm
24Mbps OFDM
-83.0
36Mbps OFDM
-79.8
48Mbps OFDM
-76.0
54Mbps OFDM
-74.3
Sensitivity 802.11n
(BW=20MHz)
MCS 0
-89.0
dBm
MCS 1
-86.9
MCS 2
-84.9
MCS 3
-82.4
MCS 4
-79.2
MCS 5
-75.0
MCS 6
-73.2
MCS 7
-71.2
Maximum Receive Signal
Level
1-11Mbps DSS
-10
5
dBm
6-54Mbps OFDM
-10
-3
MCS 0
– 7
-10
-3
Adjacent Channel Rejec-
tion
1Mbps DSS (30MHz offset)
50
dB
11Mbps DSS (25MHz offset)
43
6Mbps OFDM (25MHz offset)
40
54Mbps OFDM (25MHz offset)
25
MCS 0
– 20MHz BW (25MHz offset)
40
MCS 7
– 20MHz BW (25MHz offset)
20
7.3.2
Transmitter Performance
Radio Performance under typical conditions: VBATT=3.6V; VDDIO=3.3V; temp.: 25°C.
Table 7-2.
Transmitter Performance
Parameter
Description
Min.
Typ.
Max.
Unit
Frequency
2,412
2,484
MHz
Output Power
802.11b DSSS 1Mbps
191
dBm
802.11b DSSS 11Mbps
171
802.11g OFDM 54Mbps
161
802.11n MCS7
141
TX Power Accuracy
±1.52
dB
Carrier Suppression
30.0
dBc
Notes:
1.
Measured at 802.11 spec compliant EVM/Spectral Mask.
2.
Measured with 50
Ω differential balun.


Podobny numer części - ATWILC3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-ABCD MICROCHIP-ATWILC3000A-MU-ABCD Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T MICROCHIP-ATWILC3000A-MU-T Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T042 MICROCHIP-ATWILC3000A-MU-T042 Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
More results

Podobny opis - ATWILC3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWINC3400 ATMEL-ATWINC3400 Datasheet
1Mb / 35P
   Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com