Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATWILC3000 Arkusz danych(PDF) 20 Page - ATMEL Corporation

Numer części ATWILC3000
Szczegółowy opis  Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC3000 Arkusz danych(HTML) 20 Page - ATMEL Corporation

Back Button ATWILC3000 Datasheet HTML 16Page - ATMEL Corporation ATWILC3000 Datasheet HTML 17Page - ATMEL Corporation ATWILC3000 Datasheet HTML 18Page - ATMEL Corporation ATWILC3000 Datasheet HTML 19Page - ATMEL Corporation ATWILC3000 Datasheet HTML 20Page - ATMEL Corporation ATWILC3000 Datasheet HTML 21Page - ATMEL Corporation ATWILC3000 Datasheet HTML 22Page - ATMEL Corporation ATWILC3000 Datasheet HTML 23Page - ATMEL Corporation ATWILC3000 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ATWILC3000 Single Chip IEEE 802.11 b/g/n Link Controller with
Integrated Bluetooth 4.0 [DATASHEET]
Atmel-42390D-ATWILC3000-MUT-SmartConnect-Datasheet_05/2016
2
0
20
8.3
Bluetooth Radio
8.3.1
Receiver Performance
Radio Performance under typical conditions: VBATT=3.6V; VDDIO=3.3V; temp.: 25°C.
Table 8-1.
ATWILC3000 Bluetooth Receiver Performance
Parameter
Description
Min.
Typ.
Max.
Unit
Frequency
2,402
2,480
MHz
Sensitivity
Ideal TX
GFSK (0.1% BER) 1Mbps
-93.0
dBm
π/4 DQPSK (0.1% BER) 2Mbps
-95.6
8DPSK (0.1% BER) 3Mbps
-90.0
BLE (GFSK)
-96
Maximum Re-
ceive Signal
Level
GFSK
-10
0
dBm
π/4 DQPSK
-10
-5
8DPSK
-10
-5
8.3.2
Transmitter Performance
Radio Performance under typical conditions: VBATT=3.6V; VDDIO=3.3V; temp.: 25°C.
Table 8-2.
ATWILC3000 Bluetooth Transmitter Performance
Parameter
Description
Min.
Typ.
Max.
Unit
Frequency
2,402
2,480
MHz
Output Power
GFSK
-32
10.0
171
dBm
π/4 DQPSK
-32
10.0
171
8DPSK
-32
10.0
171
BLE (GFSK)
-32
10.0
171
The maximum output power may require board filtering to meet spurious emission limits.


Podobny numer części - ATWILC3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-ABCD MICROCHIP-ATWILC3000A-MU-ABCD Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T MICROCHIP-ATWILC3000A-MU-T Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T042 MICROCHIP-ATWILC3000A-MU-T042 Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
More results

Podobny opis - ATWILC3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWINC3400 ATMEL-ATWINC3400 Datasheet
1Mb / 35P
   Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com