Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATWILC3000 Arkusz danych(PDF) 26 Page - ATMEL Corporation

Numer części ATWILC3000
Szczegółowy opis  Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC3000 Arkusz danych(HTML) 26 Page - ATMEL Corporation

Back Button ATWILC3000 Datasheet HTML 22Page - ATMEL Corporation ATWILC3000 Datasheet HTML 23Page - ATMEL Corporation ATWILC3000 Datasheet HTML 24Page - ATMEL Corporation ATWILC3000 Datasheet HTML 25Page - ATMEL Corporation ATWILC3000 Datasheet HTML 26Page - ATMEL Corporation ATWILC3000 Datasheet HTML 27Page - ATMEL Corporation ATWILC3000 Datasheet HTML 28Page - ATMEL Corporation ATWILC3000 Datasheet HTML 29Page - ATMEL Corporation ATWILC3000 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
ATWILC3000 Single Chip IEEE 802.11 b/g/n Link Controller with
Integrated Bluetooth 4.0 [DATASHEET]
Atmel-42390D-ATWILC3000-MUT-SmartConnect-Datasheet_05/2016
2
6
26
programming commands to the SPI Master interface, which in turn initiates a SPI master access to the Flash.
For more specific instructions refer to ATWILC3000 Programming Guide.
Table 9-7.
SPI Master Interface Pin Mapping
Pin #
Pin Name
SPI Function
20
GPIO3
SCK: Serial Clock Output
21
GPIO4
SCK: Active Low Slave Select Output
22
GPIO5
TXD: Serial Data Transmit Output (MOSI)
23
GPIO6
RXD: Serial Data Receive Input (MISO)
The SPI Master timing is provided in Figure 9-5 and Table 9-8.
Figure 9-5.
SPI Master Timing Diagram
fSCK
tWH
tLH
tHL
tWL
tODLY
tISU
tIHD
SCK
SSN,
TXD
RXD
Table 9-8.
SPI Master Timing Parameters (1)
Parameter
Symbol
Min.
Max.
Unit
Clock Output Frequency (2)
fSCK
20
MHz
Clock Low Pulse Width
tWL
19
ns
Clock High Pulse Width
tWH
21
Clock Rise Time (3)
tLH
11
Clock Fall Time (3)
tHL
10
RXD Input Setup Time
tISU
24
RXD Input Hold Time
tIHD
0
SSN/TXD Output Delay (3)
tODLY
-5
3
Notes: 1.
Timing is applicable to all SPI modes.
2.
Maximum clock frequency specified is limited by the SPI Master interface internal design;
actual maximum clock frequency can be lower and depends on the specific PCB layout.
3.
Timing based on 15pF output loading.


Podobny numer części - ATWILC3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-ABCD MICROCHIP-ATWILC3000A-MU-ABCD Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T MICROCHIP-ATWILC3000A-MU-T Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T042 MICROCHIP-ATWILC3000A-MU-T042 Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
More results

Podobny opis - ATWILC3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWINC3400 ATMEL-ATWINC3400 Datasheet
1Mb / 35P
   Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com