Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATWILC3000 Arkusz danych(PDF) 29 Page - ATMEL Corporation

Numer części ATWILC3000
Szczegółowy opis  Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC3000 Arkusz danych(HTML) 29 Page - ATMEL Corporation

Back Button ATWILC3000 Datasheet HTML 25Page - ATMEL Corporation ATWILC3000 Datasheet HTML 26Page - ATMEL Corporation ATWILC3000 Datasheet HTML 27Page - ATMEL Corporation ATWILC3000 Datasheet HTML 28Page - ATMEL Corporation ATWILC3000 Datasheet HTML 29Page - ATMEL Corporation ATWILC3000 Datasheet HTML 30Page - ATMEL Corporation ATWILC3000 Datasheet HTML 31Page - ATMEL Corporation ATWILC3000 Datasheet HTML 32Page - ATMEL Corporation ATWILC3000 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
ATWILC3000 Single Chip IEEE 802.11 b/g/n Link Controller with
Integrated Bluetooth 4.0 [DATASHEET]
Atmel-42390D-ATWILC3000-MUT-SmartConnect-Datasheet_05/2016
2
9
29
input clock is selectable between 104MHz, 52MHz, 26MHz, and 13MHz. The clock divider value is
programmable as 13 integer bits and three fractional bits (with 8.0 being the smallest recommended value for
normal operation). This results in the maximum supported baud rate of 10MHz / 8.0 = 13MBd. The 802.11
UART input clock is selectable between 10MHz, 5MHz, 2.5MHz, and 1.25MHz. The clock divider value is
programmable as 13 integer bits and three fractional bits (with 8.0 being the smallest recommended value for
normal operation). This results in the maximum supported baud rate of 10MHz / 8.0 = 1.25MBd.
The UART can be configured for seven or eight bit operation, with or without parity, with four different parity
types (odd, even, mark, or space), and with one or two stop bits. It also has RX and TX FIFOs, which ensure
reliable high speed reception and low software overhead transmission. FIFO size is 4x8 for both RX and TX
direction. The UART also has status registers showing the number of received characters available in the FIFO
and various error conditions, as well the ability to generate interrupts based on these status bits.
An example of UART receiving or transmitting a single packet is shown in Figure 9-7. This example shows 7-bit
data (0x45), odd parity, and two stop bits.
For more specific instructions, refer to ATWILC3000 Programming Guide.
Figure 9-7.
Example of UART RX or TX Packet
9.7
PCM Interface
ATWILC3000 provides a PCM/IOM interface for Bluetooth audio. This interface is compatible with industry
standard PCM and IOM2 compliant devices, such as audio codecs, line interfaces, TDM switches, and others.
The PCM audio interface supports both master and slave modes, full duplex operation, mono, and stereo. The
interface operates at 8kHz frame rate and supports bit rates up to 512 bits/frame (4.096Mbps). The PCM
interface pins are mapped as shown in Table 9-11.
Table 9-11.
ATWILC3000 PCM Interface Pin Mapping
Pin #
PCM Function
36
CLK: Bi-directional clock input/output
37
SYNC: Bi-directional Frame sync (mono) or Left-Right Channel identifier (stereo)
38
D_IN: Serial data input
39
D_OUT: Serial data output
9.8
GPIOs
18 General Purpose Input/Output (GPIO) pins, labeled GPIO 0-8 and 13-21, are available to allow for
application specific functions. Each GPIO pin can be programmed as an input (the value of the pin can be read
by the host or internal processor) or as an output (the output values can be programmed by the host or internal
processor), where the default mode after power-up is input. GPIOs 7 and 8 are only available when the host
does not use the SDIO interface, which shares two of its pins with these GPIOs. Therefore, for SDIO-based
applications, 16 GPIOs (0-6 and 13-21) are available. For more specific instructions refer to ATWILC3000
Programming Guide.


Podobny numer części - ATWILC3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-ABCD MICROCHIP-ATWILC3000A-MU-ABCD Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T MICROCHIP-ATWILC3000A-MU-T Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T042 MICROCHIP-ATWILC3000A-MU-T042 Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
More results

Podobny opis - ATWILC3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWINC3400 ATMEL-ATWINC3400 Datasheet
1Mb / 35P
   Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com