Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATWILC3000 Arkusz danych(PDF) 32 Page - ATMEL Corporation

Numer części ATWILC3000
Szczegółowy opis  Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC3000 Arkusz danych(HTML) 32 Page - ATMEL Corporation

Back Button ATWILC3000 Datasheet HTML 28Page - ATMEL Corporation ATWILC3000 Datasheet HTML 29Page - ATMEL Corporation ATWILC3000 Datasheet HTML 30Page - ATMEL Corporation ATWILC3000 Datasheet HTML 31Page - ATMEL Corporation ATWILC3000 Datasheet HTML 32Page - ATMEL Corporation ATWILC3000 Datasheet HTML 33Page - ATMEL Corporation ATWILC3000 Datasheet HTML 34Page - ATMEL Corporation ATWILC3000 Datasheet HTML 35Page - ATMEL Corporation ATWILC3000 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ATWILC3000 Single Chip IEEE 802.11 b/g/n Link Controller with
Integrated Bluetooth 4.0 [DATASHEET]
Atmel-42390D-ATWILC3000-MUT-SmartConnect-Datasheet_05/2016
3
2
32
Device State
Code Rate
Output
Power, dBm
Power Consumption (1)
IVBAT
IVDDIO
802.11n MCS 0
N/A
86mA
2.5mA
802.11n MCS 7
N/A
91.8mA
2.5mA
ON_BT_Transmit
BLE 4.0 1Mbps
8
110mA
<2.5mA
ON_BT_Receive
BLE 4.0 1Mbps
N/A
<45mA
<2.5mA
Doze
N/A
N/A
<0.7mA
<7µA
Power_Down
N/A
N/A
<0.5µA
<0.2µA
Conditions: VBAT @3.6v, VDDIO @2.8V, 25°C.
10.2.3 Restrictions for Power States
When no power supplied to the device, i.e., the DC/DC Converter output and VDDIO are both off (at ground
potential). In this case, a voltage cannot be applied to the device pins because each pin contains an ESD
diode from the pin to supply. This diode will turn on when voltage higher than one diode-drop is supplied to the
pin.
If a voltage must be applied to the signal pads while the chip is in a low power state, the VDDIO supply must
be on, so the SLEEP or Power_Down state must be used.
Similarly, to prevent the pin-to-ground diode from turning on, do not apply a voltage that is more than one
diode-drop below ground to any pin.
10.3
Power-Up/Down Sequence
The power-up/down sequence for ATWILC3000 is shown in Figure 10-2. The timing parameters are provided
in Table 10-3.
Figure 10-2.
Power Up/Down Sequence
VBATT
VDDIO
CHIP_EN
RESETN
t A
t B
t C
XO Clock
t B'
t A'
t C'


Podobny numer części - ATWILC3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-ABCD MICROCHIP-ATWILC3000A-MU-ABCD Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T MICROCHIP-ATWILC3000A-MU-T Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T042 MICROCHIP-ATWILC3000A-MU-T042 Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
More results

Podobny opis - ATWILC3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWINC3400 ATMEL-ATWINC3400 Datasheet
1Mb / 35P
   Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com