Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATZB-RF-233-1-C Arkusz danych(PDF) 6 Page - ATMEL Corporation

Numer części ATZB-RF-233-1-C
Szczegółowy opis  ZIGBIT 2.4GHZ WIRELESS MODULES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATZB-RF-233-1-C Arkusz danych(HTML) 6 Page - ATMEL Corporation

Back Button ATZB-RF-233-1-C Datasheet HTML 2Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 3Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 4Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 5Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 6Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 7Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 8Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 9Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ATZB-RF-233-1-C ZigBit 2.4GHz Wireless Modules [DATASHEET]
42192C
−WIRELESS−08/2015
6
2.
ZigBit Module Overview
2.1
Overview
The ATZB-RF-233-1-C ZigBit is a compact, low-power, high sensitivity IEEE 802.15.4/ZigBee OEM module with an
integrated FEM built-in. Based on a solid combination of the latest Atmel MCU Wireless hardware platform, 2.4GHz ISM
band transceiver and Atmel Studio Wireless Composer - the ZigBit offers an unmatched combination of superior radio
performance, ultra-low power consumption and exceptional ease of integration.
Figure 2-1.
ATZB-RF-233-1-C Block diagram
.
This ZigBit module contains Atmel’s AT86RF233 2.4GHz ISM band Transceiver for ZigBee and IEEE 802.15.4 [1].
The compact board design of the Radio Transceiver with very minimal components on the RF path to Antenna
dramatically improves the ZigBit’s compact size, range performance on signal transmission and increases its sensitivity.
This ensures stable connectivity within a larger coverage area, and helps develop applications on smaller footprint. The
MS-147 connector [1] can be used as an RF Test port.


Podobny numer części - ATZB-RF-233-1-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
More results

Podobny opis - ATZB-RF-233-1-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATZB-X0-256-3-0-C ATMEL-ATZB-X0-256-3-0-C_14 Datasheet
1Mb / 28P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-B0 ATMEL-ATZB-24-B0_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-A24-UFLB ATMEL-ATZB-A24-UFLB_14 Datasheet
3Mb / 22P
   ZIGBIT 2.4GHZ AMPLIFIED WIRELESS
ATZB-X0-256-4-0-CN ATMEL-ATZB-X0-256-4-0-CN_14 Datasheet
1Mb / 26P
   ZIGBIT 900MHZ WIRELESS MODULES
ATZB-S1-256-3-0-C ATMEL-ATZB-S1-256-3-0-C Datasheet
1Mb / 27P
   ZigBit 2.4GHz Single chip Wireless Module
ATZB-S1-256-3-0-U ATMEL-ATZB-S1-256-3-0-U_14 Datasheet
971Kb / 25P
   ZigBit 2.4GHz Single Chip Wireless Module
ATZB-RF-212B-0-CN ATMEL-ATZB-RF-212B-0-CN_14 Datasheet
794Kb / 23P
   ZIGBIT 900MHZ WIRELESS MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com