Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U2794B Arkusz danych(PDF) 8 Page - ATMEL Corporation

Numer części U2794B
Szczegółowy opis  Very Low Power Consumption 125 mW
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2794B Arkusz danych(HTML) 8 Page - ATMEL Corporation

Back Button U2794B_97 Datasheet HTML 4Page - ATMEL Corporation U2794B_97 Datasheet HTML 5Page - ATMEL Corporation U2794B_97 Datasheet HTML 6Page - ATMEL Corporation U2794B_97 Datasheet HTML 7Page - ATMEL Corporation U2794B_97 Datasheet HTML 8Page - ATMEL Corporation U2794B_97 Datasheet HTML 9Page - ATMEL Corporation U2794B_97 Datasheet HTML 10Page - ATMEL Corporation U2794B_97 Datasheet HTML 11Page - ATMEL Corporation U2794B_97 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
U2794B
4653C–CELL–06/03
Figure 5. Typical VSWR Frequency Response of the LO Input
Figure 6. Noise Figure versus LO Frequency; o: Value at 950 MHz with RF Input
Matching with T3
Figure 7. Typical Suitable LO Power Range versus Frequency
50
250
450
650
850
1
2
3
4
5
6
LO Frequency ( MHz )
1050
8
10
12
14
16
18
0
200
400
600
800
1000
LO Frequency (MHz)
-50
-40
-30
-20
-10
0
30
40
50
60
70
80
90
LO Frequency (MHz)
PLOmax
PLOmin


Podobny numer części - U2794B_97

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
U2794B-AFS TEMIC-U2794B-AFS Datasheet
258Kb / 11P
   1000 MHz Quadrature Demodulator
U2794B-AFSG3 TEMIC-U2794B-AFSG3 Datasheet
258Kb / 11P
   1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B-MFS ATMEL-U2794B-MFS Datasheet
290Kb / 15P
   1000 MHZ QUADRATURE DEMODULATOR
U2794B-MFSG3 ATMEL-U2794B-MFSG3 Datasheet
290Kb / 15P
   1000 MHZ QUADRATURE DEMODULATOR
U2794B-NFSG3H ATMEL-U2794B-NFSG3H Datasheet
923Kb / 15P
   1000-MHz Quadrature Demodulator
More results

Podobny opis - U2794B_97

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
logo
Zilog, Inc.
ZLP32300 ZILOG-ZLP32300 Datasheet
1Mb / 99P
   Low power consumption??1 mW
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
Infineon Technologies A...
TLE42794 INFINEON-TLE42794_14 Datasheet
1Mb / 32P
   Very low Current Consumption
TLE42754 INFINEON-TLE42754_14 Datasheet
1Mb / 29P
   Very low Current Consumption
TLE42744 INFINEON-TLE42744_14 Datasheet
1Mb / 21P
   Very Low Current Consumption
logo
ILSI America LLC
ISM36 ILSI-ISM36 Datasheet
125Kb / 2P
   Very Low Current Consumption
logo
Agilent(Hewlett-Packard...
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com