Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTD-4830CKR-P Arkusz danych(PDF) 11 Page - Lite-On Technology Corporation

Numer części LTD-4830CKR-P
Szczegółowy opis  LED Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITEON [Lite-On Technology Corporation]
Strona internetowa  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTD-4830CKR-P Arkusz danych(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTD-4830CKR-P Datasheet HTML 4Page - Lite-On Technology Corporation LTD-4830CKR-P Datasheet HTML 5Page - Lite-On Technology Corporation LTD-4830CKR-P Datasheet HTML 6Page - Lite-On Technology Corporation LTD-4830CKR-P Datasheet HTML 7Page - Lite-On Technology Corporation LTD-4830CKR-P Datasheet HTML 8Page - Lite-On Technology Corporation LTD-4830CKR-P Datasheet HTML 9Page - Lite-On Technology Corporation LTD-4830CKR-P Datasheet HTML 10Page - Lite-On Technology Corporation LTD-4830CKR-P Datasheet HTML 11Page - Lite-On Technology Corporation LTD-4830CKR-P Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
PART NO.: LTD-4830CKR-P
PAGE:
10
of
11
BNS-OD-C131/A4
PACKING CARRIER DIMENSIONS
1. Taping parts:
1 . 1 0 sp ro ck et h o le p itch cu m u lativ e to leran ce ± 0 .2 0 .
3 . M aterial : B lack C o n d u ctiv e P o ly sty ren e A llo y .
2 . C arrier cam b er is w ith in 1 m m in 2 5 0 m m .
4 . A ll d im en sio n s m eet E IA -4 8 1 -C req u irem en ts.
6 . P ack in g len g th p er 2 2 " reel : 3 5 .5 M eters.
5 . T h ick n ess : 0 .3 0 ± 0 .0 5 m m .
7 . C o m p o n en t lo ad p er 1 3 " reel:5 5 0 P C S
2. Trailer part/ Leader part:
(4 0 m m M IN .)
(4 0 0 m m M IN .)
(4 0 m m M IN .)
D IR E C T IO N O F P U L L IN G O U T


Podobny numer części - LTD-4830CKR-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
LTD-4830CKG-P LITEON-LTD-4830CKG-P Datasheet
576Kb / 12P
   LED Display
More results

Podobny opis - LTD-4830CKR-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
   LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com