Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTS-4812CKR-PM Arkusz danych(PDF) 7 Page - Lite-On Technology Corporation

Numer części LTS-4812CKR-PM
Szczegółowy opis  LED Display
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITEON [Lite-On Technology Corporation]
Strona internetowa  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-4812CKR-PM Arkusz danych(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTS-4812CKR-PM Datasheet HTML 3Page - Lite-On Technology Corporation LTS-4812CKR-PM Datasheet HTML 4Page - Lite-On Technology Corporation LTS-4812CKR-PM Datasheet HTML 5Page - Lite-On Technology Corporation LTS-4812CKR-PM Datasheet HTML 6Page - Lite-On Technology Corporation LTS-4812CKR-PM Datasheet HTML 7Page - Lite-On Technology Corporation LTS-4812CKR-PM Datasheet HTML 8Page - Lite-On Technology Corporation LTS-4812CKR-PM Datasheet HTML 9Page - Lite-On Technology Corporation LTS-4812CKR-PM Datasheet HTML 10Page - Lite-On Technology Corporation LTS-4812CKR-PM Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
PART NO.: LTS-4812CKR-PM
PAGE:
5
of
11
BNS-OD-C131/A4
ABSOLUTE MAXIMUM RATING AT Ta = 25
oC
PARAMETER
MAXIMUM RATING
UNIT
Power Dissipation Per Segment
70
mW
Peak Forward Current Per Segment
(Frequency 1Khz,10% duty cycle )
60
mA
Continuous Forward Current Per Segment
25
mA
Forward Current Derating from 25°C
0.28
mA/°C
Operating Temperature Range
-35°C to +105°C
Storage Temperature Range
-35°C to +105°C
Iron Soldering Conditions: 1/16 inch Below Seating Plane for 3 Seconds at 260°C
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25°C
PARAMETER
SYMBOLMIN.TYP.MAX.UNIT
TEST
CONDITION
Average Luminous Intensity
IV
201 650
μcd
IF=1mA
8250
IF=10mA
Peak Emission Wavelength
p
639
nm
IF=20mA
Spectral Line Half-Width

20
nm
IF=20mA
Dominant Wavelength
d
631
nm
IF=20mA
Forward Voltage Per Segment
VF
2.05
2.6
V
IF=20mA
Reverse Current Per Segment
(2)
IR
100
uA
VR=5V
Luminous Intensity Matching Ratio
IV-m
2:1
IF=10mA
Note:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE (Commision Internationale De L’Eclairage) eye-response curve.
2. Reverse voltage is only for IR test. It can not continue to operate at this situation.
3. Cross talk specification ≦ 2.5%


Podobny numer części - LTS-4812CKR-PM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
LTS-4812CKS-PM LITEON-LTS-4812CKS-PM Datasheet
542Kb / 13P
   LED Display
More results

Podobny opis - LTS-4812CKR-PM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
   LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com