Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FC-335 Arkusz danych(PDF) 2 Page - TE Connectivity Ltd

Numer części FC-335
Szczegółowy opis  RELAY NON-LATCHING3PST/NO (DM)35A/28Vdc, 115 Vac ??50/60Hz, 400Hz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FC-335 Arkusz danych(HTML) 2 Page - TE Connectivity Ltd

  FC-335 Datasheet HTML 1Page - TE Connectivity Ltd FC-335 Datasheet HTML 2Page - TE Connectivity Ltd FC-335 Datasheet HTML 3Page - TE Connectivity Ltd FC-335 Datasheet HTML 4Page - TE Connectivity Ltd FC-335 Datasheet HTML 5Page - TE Connectivity Ltd FC-335 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SHEET
2 of 6
REV 11/29/17
SERIES FC-335
PRODUCT DATA SHEET
29-Nov-2017 Rev
PH. 828-338-1087
FAX 828-338-1103
1396 CHARLOTTE HIGHWAY, FAIRVIEW, NC 28730
, CARPINTERIA, CA 93013
CAGE CODE
SCALE
NONE
Dimensions shown for reference
Only. Specifications subject to
change.
GENERAL CHARACTERISTICS
Temperature range
-70° C to +125° C
Altitude
80,000 feet
Dielectric strength at sea level
- Coil to case
1250 Vrms
- All other points
1500 Vrms
Dielectric strength at altitude 25000 m (80,000 ft) (all points)
500 Vrms
Initial insulation resistance at 500 Vdc
100 M
 min.
Initial insulation after life or environmental test
50 M
 min.
Sinusoidal vibration
10g / 5 to 1000 Hz
Shock
50g / 11 ms
Operate time at nominal voltage
AC
25 ms max.
DC
20 ms max.
Release time at nominal voltage
AC
50 ms max.
DC
10 ms max.
Bounce Time at Nominal voltage
2 ms max.
Contact voltage drop at nominal current
-initial value
150 mV max.
-after life
175 mV max.
COIL CHARACTERISTICS
CODE
115 Vac
50/60 Hz
115 Vac
400 Hz
28
Vdc
28 Vdc
(Suppressed)
Nominal operating voltage
115
115
28
28
Maximum operating voltage
122
122
32
32
Maximum pick-up voltage over temperature range
95
95
18
18
Maximum pick-up voltage over temperature range
(Continuous Current test)
108
108
22.5
22.5
Drop-out voltage over temperature range
5.0
5.0
1.5
1.5
Coil current at +25° C (amperes)
.06
.055
-
-
Coil Resistance - DC Coils (*)
-
-
160
160
Back EMF Suppression to (VDC)
-
-
-
42
For other coil voltages, consult factory.
DC Coil Resistance ± 10% at 25°C.


Podobny numer części - FC-335

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PREMO CORPORATION S.L
FC-3125 PREMO-FC-3125 Datasheet
137Kb / 1P
   Screened Room Filters
FC-316 PREMO-FC-316 Datasheet
137Kb / 1P
   Screened Room Filters
FC-325 PREMO-FC-325 Datasheet
137Kb / 1P
   Screened Room Filters
logo
TE Connectivity Ltd
FC-325 TEC-FC-325 Datasheet
1,004Kb / 6P
   Compact, Hermetically Sealed, Non-Latching Relays
FC-325-CW3 TEC-FC-325-CW3 Datasheet
1,004Kb / 6P
   Compact, Hermetically Sealed, Non-Latching Relays
More results

Podobny opis - FC-335

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
389FHXXC1-120A SCHNEIDER-389FHXXC1-120A Datasheet
173Kb / 4P
   Power relay, SE Relays, SPST-NO-DM, 30A, 120 VAC, side flange cover
logo
Leach International Cor...
KM-D5A LEACH-KM-D5A Datasheet
360Kb / 5P
   RELAY – NONLATCH 1 PST-DM, 50 AMP
logo
WAGO Kontakttechnik Gmb...
286-507 WAGO-286-507 Datasheet
318Kb / 6P
   Relay module; Nominal input voltage: 115 VAC
logo
Leach International Cor...
KXX5A LEACH-KXX5A Datasheet
783Kb / 6P
   RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
logo
ORION FANS
OA280 ORIONFANS-OA280 Datasheet
287Kb / 1P
   1 min at 1500 VAC, 50/60Hz
logo
Leach International Cor...
KXD LEACH-KXD Datasheet
554Kb / 5P
   RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXDL LEACH-KXDL Datasheet
1Mb / 9P
   RELAY MAGNETIC LATCH 1 PST/NO (DM) / 75 AMP
KXL LEACH-KXL Datasheet
431Kb / 5P
   RELAY MAGNETIC LATCH, 1 PST/NO (DM) / 75 AMP
logo
Weidmuller
2663330000 WEIDMULLER-2663330000 Datasheet
139Kb / 4P
   A2C 50/70-DM
logo
Schneider Electric
A9C30811 SCHNEIDER-A9C30811 Datasheet
87Kb / 3P
   impulse relay iTL - 1P - 1NO - 16A - coil 110 VDC - 230...240 VAC 50/60Hz
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com