Zakładka z wyszukiwarką danych komponentów |
|
FC-335-SY8 Arkusz danych(PDF) 3 Page - TE Connectivity Ltd |
|
FC-335-SY8 Arkusz danych(HTML) 3 Page - TE Connectivity Ltd |
3 / 6 page SHEET 3 of 6 REV 11/29/17 SERIES FC-335 PRODUCT DATA SHEET 29-Nov-2017 Rev PH. 828-338-1087 FAX 828-338-1103 1396 CHARLOTTE HIGHWAY, FAIRVIEW, NC 28730 , CARPINTERIA, CA 93013 CAGE CODE SCALE NONE Dimensions shown for reference Only. Specifications subject to change. PART NUMBERING SYSTEM CII Part Number Terminal Mounting Coil FC-335-CW3 Solder Hook Stud 28 Vdc FC-335-SY3 Screw Bracket 28 Vdc FC-335-CW4 Solder Hook Stud 28 Vdc (Suppressed) FC-335-SY4 Screw Bracket 28 Vdc (Suppressed) FC-335-CW9 Solder Hook Stud 115 Vac, 50/60 Hz FC-335-SY9 Screw Bracket 115 Vac, 50/60 Hz FC-335-CW8 Solder Hook Stud 115 Vac, 400 Hz FC-335-SY8 Screw Bracket 115 Vac, 400 Hz * SPECIALS AVAILABLE UPON REQUEST, PLEASE CONTACT FACTORY. CONTACT ELECTRICAL CHARACTERISTICS CONTACT RATING (A) Type of Load Life (Min.) Cycles X103 28Vdc 25A, 230 VAC 35A, 115 VAC 400 Hz 50/60 Hz 400Hz 50/60Hz Resistive 50 35 25 25 35 35 Inductive 10 15 25 25 25 25 Motor 50 20 20 12 20 12 Lamp 50 10 10 10 10 10 Mechanical life reduced current 200 6.3 6.3 6.3 6.3 6.3 |
Podobny numer części - FC-335-SY8 |
|
Podobny opis - FC-335-SY8 |