Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA-5DG-12 Arkusz danych(PDF) 5 Page - Tyco Electronics

Numer części KA-5DG-12
Szczegółowy opis  5 to 10 AmpGeneral Purpose Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

KA-5DG-12 Arkusz danych(HTML) 5 Page - Tyco Electronics

  KA-5DG-12 Datasheet HTML 1Page - Tyco Electronics KA-5DG-12 Datasheet HTML 2Page - Tyco Electronics KA-5DG-12 Datasheet HTML 3Page - Tyco Electronics KA-5DG-12 Datasheet HTML 4Page - Tyco Electronics KA-5DG-12 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
741
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
PDF Revised 9-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
.580
(14.73)
2.010
(51.05)
.970
(24.64)
1.295
(32.89)
1.005
(25.53)
.312 TYP.
(7.92)
.165
(4.19)
DIA.TYP.
87
6
5
4
3
21
1.575
(40.01)
The following sockets are normally maintained in stock for immediate delivery.
Sockets have M3.5 screw terminals which accept up to two #12 AWG
wires. Rated 10 amps @ 300VAC and meets UL 94V-0.
27E122
10A, 300VAC
8-pin
27E123
10A, 300VAC
11-pin
Terminal
Location
27E891
10A, 300VAC
Terminal
Location
Screw Terminal, DIN Rail Snap-Mount Sockets
(Use with mounting track 24A110)
Screw Terminal Sockets
Top View
Top View
27E892
10A, 300VAC
Terminal
Location
Terminal
Location
.580
(14.73)
.970
(24.64)
.312 TYP.
(7.92)
.165
(4.19)
DIA.TYP
8
7
6
5
4
3
2
1
2.332
(59.22)
.770
(19.56)
2.035
(51.69)
2.060
(52.32)
1.018
(25.84)
11
10
9
1.188
(30.18)
.648
(16.46)
.781
(19.84)
.093
(2.36)
.210 TYP.
(5.33)
1.572 MAX.
(39.93)
= 6-32 SCREWS &
CAPTIVE WASHERS
1.296
(32.92)
2.385 MAX.
(60.58)
.062
(1.57)
¢
.925 MAX.
(23.50)
¢
1.188
(30.18)
1.030
(26.16)
.648
(16.46)
1.156
(29.36)
.093
(2.36)
++
.210 TYP.
(5.33)
2.322 MAX.
(58.98)
= 6-32 SCREWS &
CAPTIVE WASHERS
2.060
(52.32)
1.296
(32.92)
2.385 MAX.
(60.58)
.156 DIA. TYP.
(3.96)
.062
(1.57)
¢
.925 MAX.
(23.50)
65
4
3
78
1
2
87
65
4
910 11
2
3
1
Sockets For KRP, KRPA Series Relays


Podobny numer części - KA-5DG-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
KA-5DG-12 MACOM-KA-5DG-12 Datasheet
406Kb / 4P
   KRPA Series Panel Plug-in Relay
More results

Podobny opis - KA-5DG-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
KRP-11AG-24 MACOM-KRP-11AG-24 Datasheet
142Kb / 5P
   5 to 10 Amp General Purpose Relay
2-1393143-0 MACOM-2-1393143-0 Datasheet
125Kb / 2P
   General Purpose 3 to 10 Amp, Multicontact AC or DC Relay
logo
Picker Components
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Picker Components
PC118 PICKER-PC118 Datasheet
264Kb / 2P
   Mina ture 4 pole 5 Amp General Purpose Relay
logo
List of Unclassifed Man...
FCB-205-0127M ETC2-FCB-205-0127M Datasheet
131Kb / 2P
   FCB 5-10 Amp Relay Series, DC Actuating System
logo
CSB Battery Co., Ltd.
GP6120 CSB-BATTERY-GP6120 Datasheet
532Kb / 2P
   general purpose battery up to 5
GP12120 CSB-BATTERY-GP12120 Datasheet
510Kb / 2P
   general purpose battery up to 5
GP12340 CSB-BATTERY-GP12340 Datasheet
533Kb / 2P
   general purpose battery up to 5
GP12260 CSB-BATTERY-GP12260 Datasheet
529Kb / 2P
   general purpose battery up to 5
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com