Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA-14AY-120 Arkusz danych(PDF) 2 Page - Tyco Electronics

Numer części KA-14AY-120
Szczegółowy opis  5 to 10 AmpGeneral Purpose Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

KA-14AY-120 Arkusz danych(HTML) 2 Page - Tyco Electronics

  KA-14AY-120 Datasheet HTML 1Page - Tyco Electronics KA-14AY-120 Datasheet HTML 2Page - Tyco Electronics KA-14AY-120 Datasheet HTML 3Page - Tyco Electronics KA-14AY-120 Datasheet HTML 4Page - Tyco Electronics KA-14AY-120 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
738
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
PDF Revised 9-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Our authorized distributors are more likely to stock the following items for immediate delivery.
KA-5AG-120
KA-5AY-120
KA-5DG-6
KA-5DG-12
KA-5DG-110
KA-11AG-120
KA-11AY-6
KA-11AY-24
KA-11AY-120
KA-11DG-12
KA-11DG-24
KA-11DG-110
KA-14AG-120
KA-14AY-120
KA-14DG-24
KA-14DG-110
KRP-5AG-120
KRP-11AG-24
KRP-11AG-120
KRP-11AG-240
KRP-11AN-24
KRP-11AN-120
KRP-11AY-120
KRP-11DG-12
KRP-11DG-24
KRP-11DG-48
KRP-11DG-110
KRP-11DG-125
KRP-11DN-12
KRP-11DN-24
KRP-11DY-24
KRP-14AG-120
KRP-14AG-240
KRP-14AN-120
KRP-14AY-120
KRP-14DG-12
KRP-14DG-24
KRP-14DG-110
KRP-14DN-24
KRPA-5AG-24
KRPA-5AG-120
KRPA-5AY-120
KRPA-5DG-6
KRPA-5DG-12
KRPA-5DG-24
KRPA-5DY-12
KRPA-5DY-24
KRPA-11AG-6
KRPA-11AG-12
KRPA-11AG-24
KRPA-11AG-120
KRPA-11AG-240
KRPA-11AN-12
KRPA-11AN-24
KRPA-11AN-120
KRPA-11AN-240
KRPA-11AY-6
KRPA-11AY-12
KRPA-11AY-24
KRPA-11AY-120
KRPA-11AY-240
KRPA-11DG-6
KRPA-11DG-12
KRPA-11DG-24
KRPA-11DG-48
KRPA-11DG-110
KRPA-11DN-12
KRPA-11DN-24
KRPA-11DN-110
KRPA-11DY-12
KRPA-11DY-24
KRPA-14AG-12
KRPA-14AG-24
KRPA-14AG-120
KRPA-14AG-240
KRPA-14AN-24
KRPA-14AN-120
KRPA-14AN-240
KRPA-14AY-24
KRPA-14AY-120
KRPA-14AY-240
KRPA-14DG-12
KRPA-14DG-24
KRPA-14DG-48
KRPA-14DG-110
KRPA-14DN-24
KRPA-14DY-24
Ordering Information
Typical Part No.
B
KRPA
-5
A
Y
-120
1. Series:
KRPA (Newer version, enclosed)
KRP (Older version, enclosed)
KA (Open style)
2. Contact Arrangement:
5 = 1 Form C (SPDT)
11 = 2 Form C (DPDT)
14 = 3 Form C (3PDT)
3. Coil Input:
A = AC, 50/60 Hz.
D = DC
4. Contact Rating and Indicator Lamp Option:
TYPE
KRPA
KRP
KA
Codes
Y, G, N,
Y, G, N,
Y, G,
Available
Y = Silver, no indicator lamp
G = Silver-cadmium oxide, no indicator lamp
N = Silver-cadmium oxide, with indicator lamp*
5. Coil Voltage:
Up to 240VAC
Up to 125VDC
*Indicator Lamp not available on 25-90V coils. Only 120-240VAC and 110VDC models are UL recognized and CSA certified.


Podobny numer części - KA-14AY-120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
KA-14AY-120 MACOM-KA-14AY-120 Datasheet
406Kb / 4P
   KRPA Series Panel Plug-in Relay
More results

Podobny opis - KA-14AY-120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
KRP-11AG-24 MACOM-KRP-11AG-24 Datasheet
142Kb / 5P
   5 to 10 Amp General Purpose Relay
2-1393143-0 MACOM-2-1393143-0 Datasheet
125Kb / 2P
   General Purpose 3 to 10 Amp, Multicontact AC or DC Relay
logo
Picker Components
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Picker Components
PC118 PICKER-PC118 Datasheet
264Kb / 2P
   Mina ture 4 pole 5 Amp General Purpose Relay
logo
List of Unclassifed Man...
FCB-205-0127M ETC2-FCB-205-0127M Datasheet
131Kb / 2P
   FCB 5-10 Amp Relay Series, DC Actuating System
logo
CSB Battery Co., Ltd.
GP6120 CSB-BATTERY-GP6120 Datasheet
532Kb / 2P
   general purpose battery up to 5
GP12120 CSB-BATTERY-GP12120 Datasheet
510Kb / 2P
   general purpose battery up to 5
GP12340 CSB-BATTERY-GP12340 Datasheet
533Kb / 2P
   general purpose battery up to 5
GP12260 CSB-BATTERY-GP12260 Datasheet
529Kb / 2P
   general purpose battery up to 5
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com